Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD75208W1015 Datasheet (PDF) - Texas Instruments

CSD75208W1015 Datasheet PDF - Texas Instruments
Part # CSD75208W1015
Download  CSD75208W1015 Download
File Size   840.25 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD75208W1015 Dual 20-V Common Source P-Channel NexFET™ Power MOSFET

CSD75208W1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSD75208W1015 Datasheet PDF - Texas Instruments

Part # CSD75208W1015
Download  CSD75208W1015 Click to download

File Size   840.25 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CSD75208W1015 Dual 20-V Common Source P-Channel NexFET™ Power MOSFET

CSD75208W1015 Datasheet (HTML) - Texas Instruments


CSD75208W1015 Product details

1 Features
1• Dual P-Channel MOSFETs
• Common Source Configuration
• Small Footprint 1 mm × 1.5 mm
• Gate-Source Voltage Clamp
• Gate ESD Protection –3 kV
• Pb Free
• RoHS Compliant
• Halogen Free

2 Applications
• Battery Management
• Load Switch
• Battery Protection

3 Description
This device is designed to deliver the lowest onresistance
and gate charge in the smallest outline
possible with excellent thermal characteristics in an
ultra-low profile. Low on-resistance coupled with the
small footprint and low profile make the device ideal
for battery operated space constrained applications.




Similar Part No. - CSD75208W1015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
Dual 20V Common Source P-Channel NexFET Power MOSFET
CSD75208W1015T TI1-CSD75208W1015T Datasheet
766Kb / 12P
Dual 20V Common Source P-Channel NexFET Power MOSFET
More results


Similar Description - CSD75208W1015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD75204W15 TI-CSD75204W15 Datasheet
245Kb / 11P
Dual P-Channel NexFET Power MOSFET
CSD75204W15 TI-CSD75204W15_10 Datasheet
151Kb / 9P
Dual P-Channel NexFET??Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
20 V P-Channel NexFET Power MOSFET
CSD25202W15 TI-CSD25202W15_15 Datasheet
957Kb / 15P
CSD25202W15 20-V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
CSD25304W1015 20-V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
20 V P-Channel NexFET Power MOSFET
CSD85302L TI1-CSD85302L Datasheet
418Kb / 13P
20 V Dual N-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
20 V P-Channel NexFET Power MOSFET
CSD75208W1015 TI1-CSD75208W1015 Datasheet
766Kb / 12P
Dual 20V Common Source P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
20 V P-Channel NexFET Power MOSFETs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com