Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC108S085 Datasheet (PDF) - Texas Instruments

DAC108S085 Datasheet PDF - Texas Instruments
Part # DAC108S085
Download  DAC108S085 Download
File Size   978.95 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs

DAC108S085 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC108S085 Datasheet PDF - Texas Instruments

Part # DAC108S085
Download  DAC108S085 Click to download

File Size   978.95 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs

DAC108S085 Datasheet (HTML) - Texas Instruments


DAC108S085 Product details

1FEATURES
23• Ensured Monotonicity
• Low Power Operation
• Rail-to-Rail Voltage Output
• Daisy Chain Capability
• Power-on Reset to 0V
• Simultaneous Output Updating
• Individual Channel Power Down Capability
• Wide power supply range (+2.7V to +5.5V)
• Dual Reference Voltages with Range of 0.5V to
VA
• Operating Temperature Range of −40°C to
+125°C
• Industry's Smallest Package

APPLICATIONS
• Battery-Powered Instruments
• Digital Gain and Offset Adjustment
• Programmable Voltage & Current Sources
• Programmable Attenuators
• Voltage Reference for ADCs
• Sensor Supply Voltage
• Range Detectors

KEY SPECIFICATIONS
• Resolution: 10 Bits
• INL: ±2 LSB (Max)
• DNL: +0.35/-0.2 LSB (Max)
• Settling Time: 6 μs (Max)
• Zero Code Error : +15mV (Max)
• Full-Scale Error: -0.75% FSR (Max)
• Supply Power
– Normal: 1.95 mW (3V)/4,85 mW (5V) (Typ)
– Power Down: 0.3 μW (3V)/1 W (5V) (Typ)

DESCRIPTION
The DAC108S085 is a full-featured, general purpose
OCTAL 10-bit voltage-output digital-to-analog
converter (DAC) that can operate from a single +2.7V
to +5.5V supply and consumes 1.95 mW at 3V and
4.85 mW at 5V. The DAC108S085 is packaged in a
16-lead WQFN package and a 16-lead TSSOP package. The WQFN package makes the
DAC108S085 the smallest OCTAL DAC in its class.
The on-chip output amplifiers allow rail-to-rail output
swing and the three wire serial interface operates at
clock rates up to 40 MHz over the entire supply
voltage range. Competitive devices are limited to 25
MHz clock rates at supply voltages in the 2.7V to
3.6V range. The serial interface is compatible with
standard SPI™, QSPI, MICROWIRE and DSP
interfaces. The DAC108S085 also offers daisy chain operation where an unlimited number of
DAC108S085s can be updated simultaneously using
a single serial interface.
There are two references for the DAC108S085. One
reference input serves channels A through D while
the other reference serves channels E through H.
Each reference can be set independently between
0.5V and VA, providing the widest possible output
dynamic range. The DAC108S085 has a 16-bit input
shift register that controls the mode of operation, the
power-down condition, and the DAC channels' register/output value. All eight DAC outputs can be
updated simultaneously or individually.
A power-on reset circuit ensures that the DAC
outputs power up to zero volts and remain there until
there is a valid write to the device. The power-down
feature of the DAC108S085 allows each DAC to be
independently powered with three different termination options. With all the DAC channels
powered down, power consumption reduces to less
than 0.3 μW at 3V and less than 1 μW at 5V. The low
power consumption and small packages of the
DAC108S085 make it an excellent choice for use in
battery operated equipment.




Similar Part No. - DAC108S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC108S085 TI1-DAC108S085 Datasheet
1Mb / 36P
DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
National Semiconductor ...
DAC108S085CIMT NSC-DAC108S085CIMT Datasheet
521Kb / 24P
10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC108S085CIMT TI1-DAC108S085CIMT Datasheet
1Mb / 36P
DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085CIMT/NOPB TI1-DAC108S085CIMT/NOPB Datasheet
1Mb / 36P
DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results


Similar Description - DAC108S085

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 NSC-DAC128S085 Datasheet
526Kb / 24P
12-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC088S085 NSC-DAC088S085 Datasheet
529Kb / 24P
8-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
DAC108S085 NSC-DAC108S085 Datasheet
521Kb / 24P
10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC128S085 TI1-DAC128S085_15 Datasheet
1Mb / 35P
12-Bit Micro-Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC088S085 TI1-DAC088S085_16 Datasheet
1Mb / 41P
DAC088S085 8-Bit Micro Power OCTAL Digital-to-Analog Converter With Rail-to-Rail Outputs
DAC108S085 TI1-DAC108S085_15 Datasheet
1Mb / 36P
DAC108S085 10-Bit Micro Power OCTAL Digital-to-Analog Converter with Rail-to-Rail Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com