Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC161P997 Datasheet (PDF) - Texas Instruments

DAC161P997 Datasheet PDF - Texas Instruments
Part # DAC161P997
Download  DAC161P997 Download
File Size   926.58 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops

DAC161P997 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC161P997 Datasheet PDF - Texas Instruments

Part # DAC161P997
Download  DAC161P997 Click to download

File Size   926.58 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops

DAC161P997 Datasheet (HTML) - Texas Instruments


DAC161P997 Product details

1 Features
• 16-Bit Linearity
• Single-Wire Interface (SWIF), with Handshake
• Digital Data Transmission (No Loss of Fidelity)
• Pin Programmable Power-Up Condition
• Self Adjusting to Input Data Rate
• Loop Error Detection and Rreporting
• Programmable Output Current Error Level
• No External Precision Components
• Simple Interface to HART Modulator
• Small Package: WQFN-16 (4 x 4 mm, 0.5 mm
Pitch)
• Key Specifications
– Output Current TempCo: 29 ppmFS/°C (Max)
– Long-Term Output Current Drift: 90 ppmFS
(Typ)
– INL: 3.3/−2.1 μA(Max)
– Total Supply Current: 190 μA (Max)

2 Application
• Two-Wire, 4-20 mA Current Loop Transmitter
• Industrial Process Control
• Actuator Control
• Factory Automation
• Building Automation
• Precision Instruments
• Data Acquisition Systems
• Test Systems

3 Description
The DAC161P997 is a 16-bit ΣΔ digital-to-analog
converter (DAC) for transmitting an analog output current over an industry standard 4-20 mA current
loop. It offers 16-bit accuracy with a low output
current temperature coefficient (29 ppm/°C) and
excellent long-term output current drift (90 ppmFS) while consuming less than 190 μA.
The data link to the DAC161P997 is a Single Wire Interface (SWIF) which allows sensor data to be
transferred in digital format over an isolation
boundary using a single isolation component. The
DAC161P997’s digital input is compatible with
standard isolation transformers and opto-couplers. Error detection and handshaking features within the
SWIF protocol ensure error free communication
across the isolation boundary. For applications where
isolation is not required, the DAC161P997 interfaces
directly to a microcontroller.
The loop drive of the DAC161P997 interfaces to a
HART (Highway Addressable Remote Transducer) modulator, allowing injection of FSK modulated digital
data into the 4-20 mA current loop. This combination
of specifications and features makes the
DAC161P997 ideal for 2- and 4-wire industrial
transmitters.
The DAC161P997 is available in a 16–lead WQFN
package and is specified over the extended industrial temperature range of -40°C to 105°C.




Similar Part No. - DAC161P997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997 TI-DAC161P997 Datasheet
1Mb / 39P
DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
DAC161P997-DIE TI-DAC161P997-DIE Datasheet
103Kb / 5P
Single-Wire 16-Bit DAC
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
Single-Wire 16-Bit DAC
DAC161P997CISQ TI1-DAC161P997CISQ Datasheet
870Kb / 34P
DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
More results


Similar Description - DAC161P997

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F
AD5421 AD-AD5421_11 Datasheet
757Kb / 32P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
REV. 0
logo
Texas Instruments
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
logo
Analog Devices
AD5421 AD-AD5421_13 Datasheet
726Kb / 36P
16-Bit, Serial Input, Loop-Powered, 4 mA to 20 mA DAC
Rev. F
logo
Texas Instruments
DAC161S997 TI-DAC161S997 Datasheet
1Mb / 27P
16-bit SPI Programmable DAC for 4-20mA Loops
logo
Analog Devices
UG-250 AD-UG-250 Datasheet
562Kb / 12P
Evaluation Board for 16-Bit, Serial Input, Loop-Powered 4 mA to 20 mA DAC
REV. A
AD421 AD-AD421_15 Datasheet
173Kb / 14P
Loop-Powered 4 mA to 20 mA DAC
REV. C
logo
Texas Instruments
DAC161P997 TI-DAC161P997_15 Datasheet
1Mb / 39P
DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
DAC161P997-DIE TI-DAC161P997-DIE_15 Datasheet
103Kb / 5P
Single-Wire 16-Bit DAC
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com