Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5675 Datasheet (PDF) - Texas Instruments

DAC5675 Datasheet PDF - Texas Instruments
Part # DAC5675
Download  DAC5675 Download
File Size   897.24 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC5675 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC5675 Datasheet PDF - Texas Instruments

Part # DAC5675
Download  DAC5675 Click to download

File Size   897.24 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER

DAC5675 Datasheet (HTML) - Texas Instruments


DAC5675 Product details

FEATURES
400-MSPS Update Rate
LVDS-Compatible Input Interface
Spurious Free Dynamic Range (SFDR) to
Nyquist
− 69 dBc at 70-MHz IF, 400 MSPS
W-CDMA Adjacent Channel Power Ratio
ACPR
− 73 dBc at 30.72-MHz IF, 122.88 MSPS
− 71 dBc at 61.44-MHz IF, 245.76 MSPS
Differential Scalable Current Outputs: 2 mA to
20 mA
On-Chip 1.2-V Reference
Single 3.3-V Supply Operation
Power Dissipation: 820 at fclk = 400 MSPS,
fout = 70 MHz
Package: 48-Pin HTQFP PowerPad,
TJA = 28.8°C/W

APPLICATIONS
Cellular Base Transceiver Station Transmit
Channel
− CDMA: WCDMA, CDMA2000, IS−95
− TDMA: GSM, IS−136, EDGE/GPRS
− Supports Single-Carrier and Multicarrier
Applications
Test and Measurement: Arbitrary Waveform
Generation
Direct Digital Synthesis (DDS)
Cable Modem Headend

DESCRIPTION
The DAC5675 is a 14-bit resolution high-speed
digital-to-analog converter. The DAC5675 is designed
for high-speed digital data transmission in wired and
wireless communication systems, high-frequency
direct-digital synthesis (DDS), and waveform
reconstruction in test and measurement applications.
The DAC5675 has excellent spurious free dynamic
range (SFDR) at high intermediate frequencies, which
makes the DAC5675 well suited for multicarrier
transmission in TDMA and CDMA based cellular base
transceiver stations BTS.
The DAC5675 operates from a single-supply voltage of
3.3 V. Power dissipation is 820 mW at fclk = 400 MSPS,
fout = 70 MHz. The DAC5675 provides a nominal
full-scale differential current output of 20 mA,
supporting both single-ended and differential
applications. The output current can be directly fed to
the load with no additional external output buffer
required. The output is referred to the analog supply
voltage AVDD.
The DAC5675 is manufactured on Texas Instruments
advanced high-speed mixed-signal BiCMOS process.
The DAC5675 comprises a LVDS (low-voltage
differential signaling) interface. LVDS features a low
differential voltage swing with a low constant power
consumption across frequency, allowing for high speed
data transmission with low noise levels, i.e., low
electromagnetic interference (EMI). LVDS is typically
implemented in low-voltage digital CMOS processes,
making it the ideal technology for high-speed interfacing
between the DAC5675 and high-speed low-voltage
CMOS ASICs or FPGAs. The DAC5675 currentsource-
array architecture supports update rates of up to
400 MSPS. On-chip edge-triggered input latches
provide for minimum setup and hold times thereby
relaxing interface timing.




Similar Part No. - DAC5675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
DAC5675A TI1-DAC5675A Datasheet
1,002Kb / 26P
14-Bit, 400MSPS Digital-to-Analog Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC5675

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5474 TI-ADS5474 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
ADS5474 TI-ADS5474_08 Datasheet
1Mb / 38P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP Datasheet
584Kb / 23P
CLASS V, 14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5675-EP TI1-DAC5675-EP Datasheet
1Mb / 27P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_14 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675-EP TI-DAC5675-EP_15 Datasheet
1Mb / 28P
14-Bit 400-MSPS Digital-to-Analog Converter
ADS5474 TI1-ADS5474_16 Datasheet
1Mb / 41P
14-Bit, 400-MSPS Analog-to-Digital Converter
DAC5675A-SP TI1-DAC5675A-SP_15 Datasheet
797Kb / 31P
Radiation-Tolerant, 14-Bit, 400-MSPS Digital-to-Analog Converter
DAC5675 TI1-DAC5675 Datasheet
424Kb / 27P
14-BIT, 400-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5474-SP TI1-ADS5474-SP_V01 Datasheet
1Mb / 29P
Class V, 14-BIT, 400-MSPS ANALOG-TO-DIGITAL CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com