Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC6574 Datasheet (PDF) - Texas Instruments

DAC6574 Datasheet PDF - Texas Instruments
Part # DAC6574
Download  DAC6574 Download
File Size   970.37 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC6574 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC6574 Datasheet PDF - Texas Instruments

Part # DAC6574
Download  DAC6574 Click to download

File Size   970.37 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC6574 Datasheet (HTML) - Texas Instruments


DAC6574 Product details

FEATURES
· Micropower Operation: 500 μA at 3 V VDD
· Fast Update Rate: 188 kSPS
· Per-channel Power-down Capability
· Power-On Reset to Zero
· 2.7-V to 5.5-V Analog Power Supply
· 10-Bit Monotonic
· I2C™ Interface Up to 3.4 Mbps
· Data Transmit Capability
· On-Chip Output Buffer Amplifier, Rail-to-Rail
Operation
· Double-Buffered Input Register
· Address Support for up to Four DAC6574s
· Synchronous Update Support for up to 16
Channels
· Operation From –40°C to 105°C
· Small 10 Lead MSOP Package

APPLICATIONS
· Process Control
· Data Acquisition Systems
· Closed-Loop Servo Control
· PC Peripherals
· Portable Instrumentation

DESCRIPTION
The DAC6574 is a low-power, quad channel, 10-bit
buffered voltage output DAC. Its on-chip precision
output amplifier allows rail-to-rail output swing to be
achieved. The DAC6574 utilizes an I2C compatible two wire serial interface supporting high-speed
interface mode with address support of up to four
DAC6574s for a total of 16 channels on the bus.
The DAC6574 uses VDD and GND to set the output
range of the DAC. The DAC6574 incorporates a
power-on-reset circuit that ensures that the DAC
output powers up at zero volts and remains there until
a valid write takes place to the device. The DAC6574
contains a per-channel power-down feature, ac-
cessed via the internal control register, that reduces
the current consumption of the device to 200 nA at 5
V.
The low power consumption of this part in normal
operation makes it ideally suited to portable battery
operated equipment. The power consumption is less
than 3mW at VDD = 5 V reducing to 1 μW in
power-down mode.
TI offers a variety of data converters with I2C
interface. See DACx57x family of 16/12/10/8 bit,
single and quad channel DACs. Also see ADS7823
and ADS1100, 12-bit octal channel and 16-bit single
channel ADCs.




Similar Part No. - DAC6574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC6574 TI-DAC6574 Datasheet
621Kb / 30P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574IDGS TI-DAC6574IDGS Datasheet
621Kb / 30P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574IDGS TI1-DAC6574IDGS Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574IDGSG4 TI1-DAC6574IDGSG4 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574IDGSR TI-DAC6574IDGSR Datasheet
621Kb / 30P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC6574

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5573 TI-DAC5573 Datasheet
499Kb / 30P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7574 TI-DAC7574 Datasheet
783Kb / 31P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI-DAC6574 Datasheet
621Kb / 30P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI-DAC6573 Datasheet
623Kb / 31P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL TO ANALOG CONVERTER
DAC5574 TI1-DAC5574 Datasheet
719Kb / 32P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6571EVM TI1-DAC6571EVM Datasheet
732Kb / 25P
INTERFACE, VOLTAGE OUTPUT, 10-BIT DIGITAL-TO-ANALOG CONVERTER
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6573 TI1-DAC6573_16 Datasheet
1Mb / 35P
QUAD, 10-Bit, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7573 TI1-DAC7573_16 Datasheet
1Mb / 35P
QUAD, 12-BIT, LOW-POWER, VOLTAGE OUTPUT INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com