Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8531 Datasheet (PDF) - Texas Instruments

DAC8531 Datasheet PDF - Texas Instruments
Part # DAC8531
Download  DAC8531 Download
File Size   967.26 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8531 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8531 Datasheet PDF - Texas Instruments

Part # DAC8531
Download  DAC8531 Click to download

File Size   967.26 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER

DAC8531 Datasheet (HTML) - Texas Instruments


DAC8531 Product details

FEATURES
microPower OPERATION: 250μA at 5V
POWER-ON RESET TO ZERO
POWER SUPPLY: +2.7V to +5.5V
ENSURED MONOTONIC BY DESIGN
SETTLING TIME: 10μs to ±0.003 FSR
LOW-POWER SERIAL INTERFACE WITH
SCHMITT-TRIGGERED INPUTS
ON-CHIP OUTPUT BUFFER AMPLIFIER,
RAIL-TO-RAIL OPERATION
SYNC INTERRUPT FACILITY
PACKAGES: MSOP-8 and 3x3 SON-8 (same
size as QFN)

APPLICATIONS
PROCESS CONTROL
DATA ACQUISITION SYSTEMS
CLOSED-LOOP SERVO-CONTROL
PC PERIPHERALS
PORTABLE INSTRUMENTATION
PROGRAMMABLE ATTENUATION

DESCRIPTION
The DAC8531 is a low-power, single, 16-bit buffered voltage
output Digital-to-Analog Converter (DAC). Its on-chip precision
output amplifier allows rail-to-rail output swing to be
achieved. The DAC8531 uses a versatile three-wire serial
interface that operates at clock rates up to 30MHz and is
compatible with standard SPI™, QSPI™, Microwire™, and
Digital Signal Processor (DSP) interfaces.
The DAC8531 requires an external reference voltage to set
the output range of the DAC. The DAC8531 incorporates a
power-on reset circuit that ensures that the DAC output
powers up at 0V and remains there until a valid write takes
place to the device. The DAC8531 contains a power-down
feature, accessed over the serial interface, that reduces the
current consumption of the device to 200nA at 5V.
The low power consumption of this part in normal operation
makes it ideally suited to portable battery-operated equipment.
The power consumption is 2mW at 5V reducing to 1μW
in power-down mode.
The DAC8531 is available in both MSOP-8 and 3x3 SON-8
(same size as QFN) packages.




Similar Part No. - DAC8531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI-DAC8531 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
DAC8531E/250 TI-DAC8531E/250 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531E/250 TI1-DAC8531E/250 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531E/250G4 TI1-DAC8531E/250G4 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8531

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8531 TI-DAC8531 Datasheet
362Kb / 19P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7513 TI-DAC7513 Datasheet
455Kb / 18P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7512 BURR-BROWN-DAC7512 Datasheet
907Kb / 20P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC707SH TI-DAC707SH Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
DAC7512 TI1-DAC7512_15 Datasheet
1Mb / 25P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
DAC7513 TI1-DAC7513_13 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8531 TI1-DAC8531_14 Datasheet
1Mb / 27P
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com