Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8571 Datasheet (PDF) - Texas Instruments

DAC8571 Datasheet PDF - Texas Instruments
Part # DAC8571
Download  DAC8571 Download
File Size   807.32 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, LOW POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC8571 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8571 Datasheet PDF - Texas Instruments

Part # DAC8571
Download  DAC8571 Click to download

File Size   807.32 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 16-BIT, LOW POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER

DAC8571 Datasheet (HTML) - Texas Instruments


DAC8571 Product details

FEATURES
· Micropower Operation: 160 μA @ 5 V
· Power-On Reset to Zero
· Single Supply: +2.7 V to +5.5 V
· 16-Bit Monotonic
· Settling Time: 10 μs to ±0.003% FSR
· I2C™ Interface With High-Speed Mode
· Supports Data Receive and Transmit
· On-Chip Rail-to-Rail Output Buffer
· Double-Buffered Input Register
· Supports Synchronous Multichannel Update
· Offset Error: ±1 mV max at 25°C typi·
Full-Scale Error: ±3 mV max at 25°C
· Small 8 Lead MSOP Package

APPLICATIONS
· Process Control
· Data Acquisition Systems
· Closed-Loop Servo Control
· PC Peripherals
· Portable Instrumentation

DESCRIPTION
The DAC8571 is a small low-power, 16-bit voltage
output DAC with an I2C compatible two-wire serial
interface. Its on-chip precision output amplifier allows
rail-to-rail output swing and settles within 10
microseconds. The DAC8571 architecture is 16-bit
monotonic, and factory trimming typically achieves ±4
mV absolute accuracy at all codes. The DAC8571
requires an external reference voltage to set its
output voltage range.
The low power consumption and small size of this
part make it ideally suited to portable battery
operated equipment. The power consumption is typi·
cally 800 μW at VDD = 5 V reducing to 1 μW in power-down mode.
The DAC8571 incorporates a 2-wire I2C interface.
Standard, fast, and high-speed modes of I2C operation
are all supported up to 3.4 MHz serial clock
speeds. Multichannel synchronous data update and
power-down operations are supported through the I2C
bus. DAC8571 is also capable of transmitting the
contents of its serial shift register, a key feature for
I2C system verification.
The DAC8571 is available in an 8-lead MSOP package
and is specified over -40°C to 105°C.




Similar Part No. - DAC8571

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8571IDGK TI-DAC8571IDGK Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8571IDGK TI1-DAC8571IDGK Datasheet
1Mb / 31P
16-BIT, LOW POWER, VOLTAGE OUTPUT
DAC8571IDGKG4 TI1-DAC8571IDGKG4 Datasheet
1Mb / 31P
16-BIT, LOW POWER, VOLTAGE OUTPUT
DAC8571IDGKR TI-DAC8571IDGKR Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC8571

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8571 TI-DAC8571 Datasheet
687Kb / 1P
16-BIT, LOW POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8574 TI-DAC8574 Datasheet
949Kb / 1P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I2C INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8574IPWG4 TI-DAC8574IPWG4 Datasheet
1Mb / 45P
QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, IC INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC5573 TI1-DAC5573_16 Datasheet
1Mb / 35P
QUAD, 8-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC6574 TI1-DAC6574_16 Datasheet
1Mb / 34P
QUAD, 10-BIT, LOW-POWER, VOLTAGE OUTPUT,INTERFACE DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com