Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8164 Datasheet (PDF) - Texas Instruments

DAC8164 Datasheet PDF - Texas Instruments
Part # DAC8164
Download  DAC8164 Download
File Size   923.5 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference

DAC8164 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8164 Datasheet PDF - Texas Instruments

Part # DAC8164
Download  DAC8164 Click to download

File Size   923.5 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference

DAC8164 Datasheet (HTML) - Texas Instruments


DAC8164 Product details

1FEATURES
234• Relative Accuracy: 0.5LSB
• Glitch Energy: 0.15nV-s
• Internal Reference:
– 2.5V Reference Voltage (enabled by default)
– 0.004% Initial Accuracy (typ)
– 2ppm/°C Temperature Drift (typ)
– 5ppm/°C Temperature Drift (max)
– 20mA Sink/Source Capability
• Power-On Reset to Zero-Scale or Mid-Scale
• Asynchronous Clear to Zero-Scale or
Mid-Scale
• Ultra-Low Power Operation: 1mA at 5V
• Wide Power-Supply Range: +2.7V to +5.5V
• 12-Bit Monotonic Over Temperature Range
• Settling Time: 10μs to ±0.024% Full-Scale
Range (FSR)
• Low-Power Serial Interface with
Schmitt-Triggered Inputs: Up to 50MHz
• On-Chip Output Buffer Amplifier with
Rail-to-Rail Operation
• 1.8V to 5.5V Logic Compatibility
• Temperature Range: –40°C to +105°C

APPLICATIONS
• Portable Instrumentation
• Closed-Loop Servo-Control
• Process Control, PLCs
• Data Acquisition Systems
• Programmable Attenuation
• PC Peripherals

DESCRIPTION
The DAC7565 is a low-power, voltage-output,
four-channel, 12-bit digital-to-analog converter (DAC).
The device includes a 2.5V, 2ppm/°C internal
reference (enabled by default), giving a full-scale
output voltage range of 2.5V. The internal reference
has an initial accuracy of 0.02% and can source up to 20mA at the VREFH/VREFOUT pin. The device is
monotonic, provides very good linearity, and
minimizes undesired code-to-code transient voltages
(glitch). The DAC7565 uses a versatile 3-wire serial
interface that operates at clock rates up to 50MHz.
The interface is compatible with standard SPI™,
QSPI™, Microwire™, and digital signal processor
(DSP) interfaces.
The DAC7565 incorporates a power-on-reset circuit
that ensures the DAC output powers up at either
zero-scale or mid-scale until a valid code is written to the device. The device contains a power-down
feature, accessed over the serial interface, that
reduces the current consumption of the device to
1.3μA at 5V. Power consumption is 2.9mW at 3V,
reducing to 1.5μW in power-down mode. The low
power consumption, internal reference, and small
footprint make this device ideal for portable,
battery-operated equipment.
The DAC7565 is drop-in and functionally compatible
with the DAC8165 and DAC8565, and functionally
compatible with the DAC7564, DAC8164 and
DAC8564. All these devices are available in a
TSSOP-16 package.




Similar Part No. - DAC8164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8164 TI-DAC8164 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI1-DAC8164 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output
DAC8164 TI1-DAC8164 Datasheet
750Kb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
DAC8164 TI2-DAC8164 Datasheet
914Kb / 51P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
REVISED MARCH 2011
More results


Similar Description - DAC8164

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8560 BURR-BROWN-DAC8560 Datasheet
995Kb / 29P
16-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
logo
Texas Instruments
DAC8565 TI-DAC8565 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564 Datasheet
1Mb / 46P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7564 TI-DAC7564 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7565 TI-DAC7565 Datasheet
1Mb / 46P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8164 TI-DAC8164 Datasheet
1Mb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC7568 TI-DAC7568 Datasheet
2Mb / 58P
12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
DAC8560 TI-DAC8560_15 Datasheet
1Mb / 33P
16-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/째C Internal Reference
DAC8564 TI-DAC8564_15 Datasheet
1Mb / 51P
16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER with 2.5V, 2ppm/째C Internal Reference
DAC8165 TI1-DAC8165_15 Datasheet
750Kb / 47P
14-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppmC Internal Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com