Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8812C Datasheet (PDF) - Texas Instruments

DAC8812C Datasheet PDF - Texas Instruments
Part # DAC8812C
Download  DAC8812C Download
File Size   800.95 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter

DAC8812C Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8812C Datasheet PDF - Texas Instruments

Part # DAC8812C
Download  DAC8812C Click to download

File Size   800.95 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter

DAC8812C Datasheet (HTML) - Texas Instruments


DAC8812C Product details

1 Features
1• Relative Accuracy: 1 LSB Max
• Differential Nonlinearity: 1 LSB Max
• 2-mA Full-Scale Current ±20%,
With VREF = ±10 V
• 0.5-μs Settling Time
• Midscale or Zero-Scale Reset
• Separate 4Q Multiplying Reference Inputs
• Reference Bandwidth: 10 MHz
• Reference Dynamics: –105-dB THD
• SPI™-Compatible 3-Wire Interface:
50 MHz
• Double Buffered Registers to Enable
Simultaneous Multichannel Update
• Internal Power-On Reset
• Industry-Standard Pin Configuration

2 Applications
• Automatic Test Equipment
• Instrumentation
• Digitally Controlled Calibration

3 Description
The DAC8812 is a dual, 16-bit, current-output digitalto-
analog converter (DAC) designed to operate from
a single 2.7-V to 5.5-V supply.
The applied external reference input voltage VREF
determines the full-scale output current. An internal
feedback resistor (RFB) provides temperature tracking
for the full-scale output when combined with an
external I-to-V precision amplifier.
A double-buffered, serial data interface offers highspeed,
3-wire, SPI and microcontroller compatible
inputs using serial data in (SDI), clock (CLK), and a
chip-select (CS). A common level-sensitive load DAC
strobe (LDAC) input allows simultaneous update of all
DAC outputs from previously loaded input registers.
Additionally, an internal power-on reset forces the
output voltage to zero at system turnon. An MSB pin
allows system reset assertion (RS) to force all
registers to zero code when MSB = 0, or to midscale
code when MSB = 1.




Similar Part No. - DAC8812C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812C TI-DAC8812C Datasheet
1Mb / 18P
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results


Similar Description - DAC8812C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com