Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCR02 Datasheet (PDF) - Texas Instruments

DCR02 Datasheet PDF - Texas Instruments
Part # DCR02
Download  DCR02 Download
File Size   871.13 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCR02 Series, 2-W, 1000-VRMS Isolated, Regulated DC/DC Converter Modules

DCR02 Datasheet (PDF)

Go To PDF Page Download Datasheet
DCR02 Datasheet PDF - Texas Instruments

Part # DCR02
Download  DCR02 Click to download

File Size   871.13 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DCR02 Series, 2-W, 1000-VRMS Isolated, Regulated DC/DC Converter Modules

DCR02 Datasheet (HTML) - Texas Instruments


DCR02 Product details

1 Features
• 1-kV isolation (operational): 1-second test
• Continuous voltage applied across isolation
barrier: 60 VDC / 42.5 VAC
• UL1950 recognized component
• 10-pin PDIP and SOP packages
• Input voltage: 12 V or 24 V
• 5-V output voltage
• Device-to-device synchronization
• 400-kHz switching frequency
• Short-circuit protection
• Thermal protection
• High efficiency
• 125 FITS at 55°C

2 Applications
• Point-of-use power conversion
• Digital interface power
• Ground loop elimination
• Power-supply noise reduction

3 Description
The DCR02 family is a series of high-efficiency,
input-isolated, output-regulated DC/DC converters. In
addition to 2-W nominal, galvanically-isolated output
power capability, this range of converters offers very
low output noise and high accuracy.
The DCR02 family is implemented in standard
molded device packaging, providing standard JEDEC
outlines suitable for high-volume assembly. They
are manufactured using the same technology as
standard device packages, thereby achieving very
high reliability.




Similar Part No. - DCR02

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR02 BURR-BROWN-DCR02 Datasheet
174Kb / 12P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205 TI1-DCR021205 Datasheet
349Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCR021205P BURR-BROWN-DCR021205P Datasheet
174Kb / 12P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
DCR021205P BURR-BROWN-DCR021205P Datasheet
320Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR021205P TI1-DCR021205P Datasheet
349Kb / 14P
Miniature, 2W Isolated REGULATED DC/DC CONVERTERS
More results


Similar Description - DCR02

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
DCR010503 TI1-DCR010503 Datasheet
778Kb / 28P
1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
logo
Vicor Corporation
DCM24AP280X320A50 VICOR-DCM24AP280X320A50 Datasheet
2Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50M04A2YZZ VICOR-DCM3623X50M04A2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50M13C2YZZ VICOR-DCM3623X50M13C2YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T17A6YZZ VICOR-DCM3623X50T17A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T26A6YZZ VICOR-DCM3623X50T26A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
DCM3623X50T31A6YZZ VICOR-DCM3623X50T31A6YZZ Datasheet
1Mb / 25P
Isolated, regulated DC-DC converter
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
Isolated, Regulated DC-DC Converter Modules
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com