Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5012 Datasheet (PDF) - Texas Instruments

DRV5012 Datasheet PDF - Texas Instruments
Part # DRV5012
Download  DRV5012 Download
File Size   957.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5012 Ultra-Low-Power Digital-Latch Hall-Effect Sensor

DRV5012 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV5012 Datasheet PDF - Texas Instruments

Part # DRV5012
Download  DRV5012 Click to download

File Size   957.54 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5012 Ultra-Low-Power Digital-Latch Hall-Effect Sensor

DRV5012 Datasheet (HTML) - Texas Instruments


DRV5012 Product details

1 Features
1• Industry-Leading Low-Power Consumption
• Pin-Selectable Sampling Rate:
– SEL = Low: 20 Hz Using 1.3 μA (1.8 V)
– SEL = High: 2.5 kHz Using 142 μA (1.8 V)
• 1.65- to 5.5-V Operating VCC Range
• High Magnetic Sensitivity: ±2 mT (Typical)
• Robust Hysteresis: 4 mT (Typical)
• Push-Pull CMOS Output
• Small and Thin X2SON Package
• –40°C to +85°C Operating Temperature Range

2 Applications
• Brushless DC Motor Sensors
• Incremental Rotary Encoding:
– Motor Speed
– Mechanical Travel
– Fluid Measurement
– Knob Turning
– Wheel Speed
• Portable Medical Devices
• E-Locks, E-Bikes, Motorized Blinds
• Flow Meters
• Contactless Activation

3 Description
The DRV5012 device is an ultra-low-power digitallatch
Hall effect sensor with a pin-selectable sampling
rate.
When a south magnetic pole is near the top of the
package and the BOP threshold is exceeded, the
device drives a low voltage. The output stays low until
a north pole is applied and the BRP threshold is
crossed, which causes the output to drive a high
voltage. Alternating north and south poles are
required to toggle the output, and integrated
hysteresis separates BOP and BRP to provide robust
switching.
Using an internal oscillator, the DRV5012 device
samples the magnetic field and updates the output at
a rate of 20 Hz or 2.5 kHz, depending on the SEL pin.
This dual-bandwidth feature can allow systems to
monitor changes in movement while using minimal
power.
The device operates from a VCC range of 1.65 V to
5.5 V, and is packaged in a small X2SON.




Similar Part No. - DRV5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5012AEDMRR TI1-DRV5012AEDMRR Datasheet
197Kb / 20P
Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5012AEDMRT TI1-DRV5012AEDMRT Datasheet
197Kb / 20P
Ultra-Low-Power Digital-Latch Hall-Effect Sensor
More results


Similar Description - DRV5012

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5013 TI-DRV5013_15 Datasheet
966Kb / 27P
DRV5013 Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_16 Datasheet
1Mb / 28P
Digital-Latch Hall Effect Sensor
DRV5032 TI1-DRV5032 Datasheet
1Mb / 30P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5012 TI1-DRV5012 Datasheet
197Kb / 20P
Ultra-Low-Power Digital-Latch Hall-Effect Sensor
DRV5032 TI1-DRV5032_17 Datasheet
1Mb / 33P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5032_017 TI1-DRV5032_017 Datasheet
1Mb / 34P
Ultra-Low-Power Digital-Switch Hall Effect Sensor
DRV5011 TI1-DRV5011 Datasheet
1Mb / 27P
Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5011_1904 TI1-DRV5011_1904 Datasheet
1Mb / 28P
Low-Voltage, Digital-Latch Hall Effect Sensor
DRV5013 TI1-DRV5013_V01 Datasheet
1Mb / 33P
Digital-Latch Hall Effect Sensor
DRV5011 TI1-DRV5011_V01 Datasheet
1Mb / 31P
DRV5011 Low-Voltage, Digital-Latch Hall Effect Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com