Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV604PWPR Datasheet (PDF) - Texas Instruments

DRV604PWPR Datasheet PDF - Texas Instruments
Part # DRV604PWPR
Download  DRV604PWPR Download
File Size   885.06 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain

DRV604PWPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV604PWPR Datasheet PDF - Texas Instruments

Part # DRV604PWPR
Download  DRV604PWPR Click to download

File Size   885.06 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain

DRV604PWPR Datasheet (HTML) - Texas Instruments


DRV604PWPR Product details

1FEATURES
23• DirectPath™
– Eliminates Pop/Clicks
– Eliminate Output DC-Blocking Capacitors
• 3.0V to 3.7V Supply Voltage
• Low Noise and THD
– SNR > 109dB
– Typical Vn < 7μVrms 20–20kHz
– THD+N < 0.002% at 10kΩ
• Output Voltage into 5kΩ Load
– 2Vrms at 3.3V Supply Voltage
• Stereo DirectPath™ Headphone:
– 40mW into 32Ω at 3.3V Supply Voltage
– 16Ω to ∞ Ω Stable Load Range
• Differential Input
• Power Sense UVP for Brown Out Protection
• Short Circuit and Thermal Protection
• ±8kV IEC ESD Protection
• Footprint Compatible with DRV602 and
DRV603
• Supports Dual Line Driver Configuration

APPLICATIONS
• LCD and PDP TV
• Blu-ray Disc™, DVD Players
• Mini/Micro Combo Systems
• Soundcards

DESCRIPTION
The DRV604 is a 2Vrms Pop-Free stereo line driver
with stereo headphone output designed to allow the
removal of the output DC-blocking capacitors for
reduced component count and cost. The device is
ideal for single supply electronics where size and cost are critical design parameters.
Designed using TI’s patented DirectPath™
technology, The DRV604 is capable of driving 2 Vrms
into a 5kΩ load. The headphone output can generate
a clean 40mW into 32Ω load from a 3.3V supply.. The
device has differential inputs and uses external gain setting resistors that supports a gain range of -1V/V
to -10V/V. Headphone and line outputs have ±8kV
IEC ESD protection enabling a simple ESD protection
circuit. The DRV604 has built-in enable control for
pop-free on/off control. DRV604 can monitor an external supply voltage using its built in comparator
enabling it to shut down during a brown out condition
before up stream audio DAC’s can produce click and
pop artifacts.
Using the DRV604 in audio products can reduce
component count considerably compared to
traditional methods of generating headphone output
and 2Vrms output. The DRV604 does not require a
power supply greater than 3.3V to generate its
5.6Vpp output, nor does it require a split rail power
supply. The DRV604 integrates its own charge pump
to generate a negative supply rail that provides a
clean, pop-free ground biased 2Vrms output.
The DRV604 is available in a 28-pin HTSSOP. For a
stereo line driver with no HP amp see DRV603.




Similar Part No. - DRV604PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV604PWPR TI-DRV604PWPR Datasheet
878Kb / 21P
DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
More results


Similar Description - DRV604PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV604 TI-DRV604 Datasheet
878Kb / 21P
DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com