Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8835 Datasheet (PDF) - Texas Instruments

DRV8835 Datasheet PDF - Texas Instruments
Part # DRV8835
Download  DRV8835 Download
File Size   849.3 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8835 Dual Low-Voltage H-Bridge IC

DRV8835 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV8835 Datasheet PDF - Texas Instruments

Part # DRV8835
Download  DRV8835 Click to download

File Size   849.3 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV8835 Dual Low-Voltage H-Bridge IC

DRV8835 Datasheet (HTML) - Texas Instruments


DRV8835 Product details

1 Features
1• Dual-H-Bridge Motor Driver
– Capable of Driving Two DC Motors or One
Stepper Motor
– Low-MOSFET ON-Resistance:
HS + LS 305 mΩ
• 1.5-A Maximum Drive Current Per H-Bridge
• Configure Bridges Parallel for 3-A Drive Current
• Separate Motor and Logic-Supply Pins:
– 0-V to 11-V Motor-Operating Supply-Voltage
– 2-V to 7-V Logic Supply-Voltage
• Separate Logic and Motor Power Supply Pins
• Flexible PWM or PHASE/ENABLE Interface
• Low-Power Sleep Mode With 95-nA Maximum
Supply Current
• Tiny 2.00-mm × 3.00-mm WSON Package

2 Applications
• Battery-Powered:
– Cameras
– DSLR Lenses
– Consumer Products
– Toys
– Robotics
– Medical Devices

3 Description
The DRV8835 provides an integrated motor driver
solution for cameras, consumer products, toys, and
other low-voltage or battery-powered motion control
applications. The device has two H-bridge drivers,
and drives two DC motors or one stepper motor, as
well as other devices like solenoids. The output driver
block for each consists of N-channel power
MOSFETs configured as an H-bridge to drive the
motor winding. An internal charge pump generates
gate drive voltages.
The DRV8835 supplies up to 1.5-A of output current
per H-bridge and operates on a motor power supply
voltage from 0 V to 11 V, and a device power supply
voltage of 2 V to 7 V.
PHASE/ENABLE and IN/IN interfaces are compatible
with industry-standard devices.
Internal shutdown functions are provided for
overcurrent protection, short circuit protection,
undervoltage lockout, and overtemperature.
The DRV8835 is packaged in a tiny 12-pin WSON
package (Eco-friendly: RoHS and no Sb/Br).




Similar Part No. - DRV8835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8835 TI2-DRV8835 Datasheet
849Kb / 25P
DRV8835 Dual Low-Voltage H-Bridge IC
REVISED AUGUST 2016
DRV8835DSSR TI-DRV8835DSSR Datasheet
656Kb / 16P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8835DSSR TI1-DRV8835DSSR Datasheet
1Mb / 24P
Dual Low-Voltage H-Bridge IC
DRV8835DSSR TI2-DRV8835DSSR Datasheet
849Kb / 25P
DRV8835 Dual Low-Voltage H-Bridge IC
REVISED AUGUST 2016
More results


Similar Description - DRV8835

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836 Datasheet
655Kb / 16P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8839 TI-DRV8839 Datasheet
846Kb / 17P
LOW VOLTAGE DUAL 1/2-H-BRIDGE DRIVER IC
DRV8837EVM TI-DRV8837EVM Datasheet
781Kb / 14P
LOW-VOLTAGE H-BRIDGE IC
DRV8839 TI-DRV8839_15 Datasheet
828Kb / 19P
LOW VOLTAGE DUAL 쩍-H-BRIDGE DRIVER IC
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836_15 Datasheet
846Kb / 18P
DUAL LOW VOLTAGE H-BRIDGE IC
DRV8835 TI1-DRV8835_16 Datasheet
1Mb / 24P
Dual Low-Voltage H-Bridge IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
Dual Low-Voltage H-Bridge IC
DRV8839 TI1-DRV8839_16 Datasheet
1Mb / 25P
Low-Voltage Dual H-Bridge Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com