Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS42MB100 Datasheet (PDF) - Texas Instruments

DS42MB100 Datasheet PDF - Texas Instruments
Part # DS42MB100
Download  DS42MB100 Download
File Size   934.26 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS42MB100 4.25-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization

DS42MB100 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS42MB100 Datasheet PDF - Texas Instruments

Part # DS42MB100
Download  DS42MB100 Click to download

File Size   934.26 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS42MB100 4.25-Gbps 2:1/1:2 CML MUX/Buffer With Transmit Pre-Emphasis and Receive Equalization

DS42MB100 Datasheet (HTML) - Texas Instruments


DS42MB100 Product details

1 Features
1• 2:1 Multiplexer and 1:2 Buffer
• 0.25-Gbps to 4.25-Gbps Fully Differential Data
Paths
• Fixed Input Equalization
• Programmable Output Pre-Emphasis
• Independent Pre-Emphasis Controls
• Programmable Loopback Modes
• On-Chip Terminations
• ESD Rating of 6-kV HBM
• 3.3-V Supply
• Lead-Less WQFN-36 Package
• –40°C to +85°C Operating Temperature Range

2 Applications
• Backplane Drivers or Cable Drivers
• Redundancy and Signal Conditioning Applications
• CPRI/OBSAI

3 Description
The DS42MB100 device is a signal conditioning 2:1
multiplexer and 1:2 fan-out buffer designed for use in backplane-redundancy or cable driving applications.
Signal conditioning features include continuous time
linear equalization (CTLE) and programmable output
pre-emphasis that enable data communication in FR4
backplane up to 4.25 Gbps. Each input stage has a fixed equalizer to reduce ISI distortion from board
traces.
All output drivers have four selectable levels of pre-
emphasis to compensate for transmission losses from
long FR4 backplane or cable attenuation reducing
deterministic jitter. The pre-emphasis levels can be independently controlled for the line-side and switch-
side drivers. The internal loopback paths from switchside
input to switch-side output enable at-speed
system testing. All receiver inputs are internally
terminated with 100-Ω differential terminating
resistors. All driver outputs are internally terminated
with 50-Ω terminating resistors to VCC.




Similar Part No. - DS42MB100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB100 TI1-DS42MB100 Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
logo
National Semiconductor ...
DS42MB100TSQ NSC-DS42MB100TSQ Datasheet
992Kb / 16P
4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB100TSQ TI1-DS42MB100TSQ Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
DS42MB100TSQ/NOPB TI1-DS42MB100TSQ/NOPB Datasheet
1Mb / 25P
4.25-Gbps 2:1/1:2 CML MUX/Buffer
More results


Similar Description - DS42MB100

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS42MB100 NSC-DS42MB100 Datasheet
992Kb / 16P
4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS42MB200TSQ TI1-DS42MB200TSQ Datasheet
900Kb / 17P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB100 TI1-DS25MB100_16 Datasheet
1Mb / 23P
DS25MB100 2.5 Gbps 2:1/1:2 CML Mux/Buffer With Transmit Pre-Emphasis and Receive Equalization
DS42MB200 TI1-DS42MB200_14 Datasheet
904Kb / 18P
DS42MB200 Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com