Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C031QML Datasheet (PDF) - Texas Instruments

DS90C031QML Datasheet PDF - Texas Instruments
Part # DS90C031QML
Download  DS90C031QML Download
File Size   804.88 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C031QML LVDS Quad CMOS Differential Line Driver

DS90C031QML Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90C031QML Datasheet PDF - Texas Instruments

Part # DS90C031QML
Download  DS90C031QML Click to download

File Size   804.88 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90C031QML LVDS Quad CMOS Differential Line Driver

DS90C031QML Datasheet (HTML) - Texas Instruments


DS90C031QML Product details

1FEATURES
2• Radiation guaranteed 100 krad(Si)
• High impedance LVDS outputs with power-off
• ±350 mV differential signaling
• Low power dissipation
• Low differential skew
• Low propagation delay
• Pin compatible with DS26C31
• Compatible with IEEE 1596.3 SCI LVDS
standard
• Compatible with proposed TIA LVDS standard
• Fail safe logic for floating inputs

DESCRIPTION
The DS90C031 is a quad CMOS differential line
driver designed for applications requiring ultra low
power dissipation and high data rates.
The DS90C031 accepts TTL/CMOS input levels and
translates them to low voltage (350 mV) differential
output signals. In addition the driver supports a TRI-
STATE function that may be used to disable the
output stage, thus dropping the device to a low idle
power state of 11 mW typical.
In addition, the DS90C031 provides power-off high
impedance LVDS outputs. This feature assures
minimal loading effect on the LVDS bus lines when
VCC is not present. The DS90C031 and companion
line receiver (DS90C032) provide a new alternative to
high power psuedo-ECL devices for high speed pointto-
point interface applications.




Similar Part No. - DS90C031QML

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
DS90C031QML-SP TI1-DS90C031QML-SP Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results


Similar Description - DS90C031QML

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
LVDS Quad CMOS Differential Line Driver
DS90LV031A NSC-DS90LV031A Datasheet
181Kb / 11P
3V LVDS Quad CMOS Differential Line Driver
MNDS90LV031A-X NSC-MNDS90LV031A-X Datasheet
191Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
LVDS Quad CMOS Differential Line Driver
DS90LV031B NSC-DS90LV031B_05 Datasheet
545Kb / 9P
3V LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML Datasheet
369Kb / 20P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031WGRQMLV TI-DS90C031WGRQMLV Datasheet
657Kb / 21P
DS90C031QML LVDS Quad CMOS Differential Line Driver
DS90C031BTMX TI1-DS90C031BTMX Datasheet
1Mb / 19P
DS90C031B LVDS Quad CMOS Differential Line Driver
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
LVDS Quad CMOS Differential Line Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com