Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF383B Datasheet (PDF) - Texas Instruments

DS90CF383B Datasheet PDF - Texas Instruments
Part # DS90CF383B
Download  DS90CF383B Download
File Size   835.99 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz

DS90CF383B Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90CF383B Datasheet PDF - Texas Instruments

Part # DS90CF383B
Download  DS90CF383B Click to download

File Size   835.99 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz

DS90CF383B Datasheet (HTML) - Texas Instruments


DS90CF383B Product details

1FEATURES
23• No Special Start-up Sequence Required
Between Clock/Data and /PD Pins. Input Signal
(Clock and Data) Can be Applied Either Before
or After the Device is Powered.
• Support Spread Spectrum Clocking Up to
100KHz Frequency Modulation & Deviations of
±2.5% Center Spread or −5% Down Spread.
• "Input Clock Detection" Feature Will Pull All
LVDS Pairs to Logic Low when Input Clock is
Missing and When /PD Pin is Logic High.
• 18 to 68 MHz Shift Clock Support
• Best–in–Class Set & Hold Times on TxINPUTs
• Tx Power Consumption < 130 mW (typ)
@65MHz Grayscale
• 40% Less Power Dissipation Than BiCMOS
Alternatives
• Tx Power-down Mode < 60μW (typ)
• Supports VGA, SVGA, XGA and Dual Pixel
SXGA.
• Narrow Cus Reduces Cable Size and Cost
• Up to 1.8 Gbps Throughput
• Up to 227 Megabytes/sec Bandwidth
• 345 mV (typ) Swing LVDS Devices for Low EMI
• PLL Requires No External Components
• Compatible with TIA/EIA-644 LVDS Standard
• Low Profile 56-Lead TSSOP Package
• Improved Replacement for:
– SN75LVDS83, DS90CF383A

DESCRIPTION
The DS90CF383B transmitter converts 28 bits of
CMOS/TTL data into four LVDS (Low Voltage
Differential Signaling) data streams. A phase-locked
transmit clock is transmitted in parallel with the data streams over a fifth LVDS link. Every cycle of the
transmit clock 28 bits of input data are sampled and
transmitted. At a transmit clock frequency of 65 MHz,
24 bits of RGB data and 3 bits of LCD timing and
control data (FPLINE, FPFRAME, DRDY) are
transmitted at a rate of 455 Mbps per LVDS data
channel. Using a 65 MHz clock, the data throughput is 227 Mbytes/sec. The DS90CF383B is fixed as a
Falling edge strobe transmitter and will interoperate
with a Falling edge strobe Receiver (DS90CF386)
without any translation logic.
This chipset is an ideal means to solve EMI and
cable size problems associated with wide, high speed
TTL interfaces.




Similar Part No. - DS90CF383B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383B TI1-DS90CF383B Datasheet
958Kb / 16P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B Datasheet
1Mb / 18P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
National Semiconductor ...
DS90CF383BMT NSC-DS90CF383BMT Datasheet
640Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383BMT TI-DS90CF383BMT Datasheet
952Kb / 15P
Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results


Similar Description - DS90CF383B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 NSC-DS90C383 Datasheet
344Kb / 20P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A Datasheet
258Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B Datasheet
267Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383B NSC-DS90C383B_06 Datasheet
639Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B NSC-DS90CF383B Datasheet
640Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383A NSC-DS90C383A_03 Datasheet
304Kb / 11P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz 3.3V LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
logo
Texas Instruments
DS90CF383BMTX TI1-DS90CF383BMTX Datasheet
958Kb / 16P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF383B TI1-DS90CF383B_15 Datasheet
1Mb / 18P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
DS90C383 TI1-DS90C383_11 Datasheet
410Kb / 22P
3.3V Programmable LVDS Transmitter 24-Bit Flat Panel Display (FPD) Link-65 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com