Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKD600 Datasheet (PDF) - International Rectifier

IRKD600 Datasheet PDF - International Rectifier
Part # IRKD600_06
Download  IRKD600 Download
File Size   110.46 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD DIODES SUPER MAGM-A-part??Power Modules

IRKD600 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRKD600 Datasheet PDF - International Rectifier

Part # IRKD600_06
Download  IRKD600 Click to download

File Size   110.46 Kbytes
Page   7 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description STANDARD DIODES SUPER MAGM-A-part??Power Modules

IRKD600 Datasheet (HTML) - International Rectifier


IRKD600 Product details

Features
■ High current capability
■ 3000 VRMS isolating voltage with non-toxic substrate
■ High surge capability
■ High voltage ratings up to 2000V
■ Industrial standard package
■ UL E78996 approved
■ RoHS Compliant

Typical Applications
■ Rectifying bridge for large motor drives
■ Rectifying bridge for large UPS




Similar Part No. - IRKD600_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRKD600-08 VISHAY-IRKD600-08 Datasheet
255Kb / 9P
Standard Diodes
29-Apr-15
More results


Similar Description - IRKD600_06

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKD600 VISHAY-VSKD600 Datasheet
240Kb / 7P
Standard Diodes, 600 A(SUPER MAGN-A-PAKTM Power Modules)
11-Aug-08
VSKDL450 VISHAY-VSKDL450 Datasheet
196Kb / 8P
Fast Diodes, 460 A (SUPER MAGN-A-PAKTM Power Modules)
12-Jun-08
VSKD600 VISHAY-VSKD600_10 Datasheet
244Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
VSKDL450 VISHAY-VSKDL450_10 Datasheet
202Kb / 9P
Fast Diodes, 460 A (SUPER MAGN-A-PAK Power Modules)
02-Jul-10
logo
Nell Semiconductor Co.,...
NKD60 NELLSEMI-NKD60 Datasheet
273Kb / 5P
Standard Diodes, 600 A ( MAGN-A-PAK Power Modules)
NKD200 NELLSEMI-NKD200 Datasheet
1Mb / 3P
Standard Recovery Diodes, 200 A(INT-A-PAK Power Modules)
NKD240 NELLSEMI-NKD240 Datasheet
1Mb / 3P
Standard Recovery Diodes, 240 A(INT-A-PAK Power Modules)
NKD250 NELLSEMI-NKD250 Datasheet
1Mb / 4P
Standard Diodes, 250 A( MAGN-A-PAK Power Modules)
logo
Vishay Siliconix
VS-VSKD600 VISHAY-VS-VSKD600 Datasheet
261Kb / 8P
Standard Diodes, 600 A (SUPER MAGN-A-PAK Power Modules)
05-Dec-16
VS-VSKD600 VISHAY-VS-VSKD600_V01 Datasheet
258Kb / 8P
Standard Diodes (Super MAGN-A-PAK Power Modules), 600 A
05-Jan-18
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com