Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90CF563 Datasheet (PDF) - Texas Instruments

DS90CF563 Datasheet PDF - Texas Instruments
Part # DS90CF563
Download  DS90CF563 Download
File Size   935.47 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CF563/DS90CF564 LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz

DS90CF563 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS90CF563 Datasheet PDF - Texas Instruments

Part # DS90CF563
Download  DS90CF563 Click to download

File Size   935.47 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DS90CF563/DS90CF564 LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz

DS90CF563 Datasheet (HTML) - Texas Instruments


DS90CF563 Product details

1FEATURES
2• 20 to 65 MHz Shift Clk Support
• Up to 171 Mbytes/s Bandwidth
• Cable Size is Reduced to Save Cost
• 290 mV Swing LVDS Devices for Low EMI
• Low Power CMOS Design (< 550 mW typ)
• Power-down Mode Saves Power (< 0.25 mW)
• PLL Requires No External Components
• Low Profile 48-Lead TSSOP Package
• Falling Edge Data Strobe
• Compatible with TIA/EIA-644 LVDS Standard
• Single Pixel Per Clock XGA (1024 x 768)
• Supports VGA, SVGA, XGA and Higher
• 1.3 Gbps Throughput

DESCRIPTION
The DS90CF563 transmitter converts 21 bits of
CMOS/TTL data into three LVDS (Low Voltage
Differential Signaling) data streams. A phase-locked
transmit clock is transmitted in parallel with the data
streams over a fourth LVDS link. Every cycle of the
transmit clock 21 bits of input data are sampled and transmitted. The DS90CF564 receiver converts the
LVDS data streams back into 21 bits of CMOS/TTL
data. At a transmit clock frequency of 65 MHz, 18 bits
of RGB data and 3 bits of LCD timing and control
data (FPLINE, FPFRAME, DRDY) are transmitted at
a rate of 455 Mbps per LVDS data channel. Using a
65 MHz clock, the data throughput is 171 Mbytes per
second. These devices are offered with falling edge
data strobes for convenient interface with a variety of
graphics and LCD panel controllers.
This chipset is an ideal means to solve EMI and
cable size problems associated with wide, high speed
TTL interfaces.




Similar Part No. - DS90CF563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563 Datasheet
1Mb / 17P
LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
logo
National Semiconductor ...
DS90CF563MTD NSC-DS90CF563MTD Datasheet
287Kb / 12P
LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
More results


Similar Description - DS90CF563

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C363A NSC-DS90C363A Datasheet
219Kb / 10P
3.3V Programmable LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz, 3.3V LVDS Transmitter 18-Bit Flat Panel Display (FPD) Link-65 MHz
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CF563 NSC-DS90CF563 Datasheet
287Kb / 12P
LVDS 18-Bit Color Flat Panel Display (FPD) Link??65 MHz
DS90CF583 NSC-DS90CF583 Datasheet
274Kb / 12P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR563 NSC-DS90CR563 Datasheet
287Kb / 12P
LVDS 18-Bit Color Flat Panel Display FPD Link??65 MHz
logo
Texas Instruments
DS90CF563 TI1-DS90CF563_13 Datasheet
1Mb / 17P
LVDS 18-Bit Color Flat Panel Display (FPD) Link - 65 MHz
DS90CF583 TI1-DS90CF583_13 Datasheet
515Kb / 13P
LVDS 24-Bit Color Flat Panel Display (FPD) Link??65 MHz
DS90CR563 TI1-DS90CR563_11 Datasheet
332Kb / 14P
LVDS 18-Bit Color Flat Panel Display (FPD) Link- 65 MHz
DS90CR583 TI1-DS90CR583_13 Datasheet
713Kb / 13P
LVDS 24-Bit Color Flat Panel Display (FPD) Link- 65 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com