Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD3SS212 Datasheet (PDF) - Texas Instruments

HD3SS212 Datasheet PDF - Texas Instruments
Part # HD3SS212
Download  HD3SS212 Download
File Size   867.18 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch

HD3SS212 Datasheet (PDF)

Go To PDF Page Download Datasheet
HD3SS212 Datasheet PDF - Texas Instruments

Part # HD3SS212
Download  HD3SS212 Click to download

File Size   867.18 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch

HD3SS212 Datasheet (HTML) - Texas Instruments


HD3SS212 Product details

1 Features
• Compatible with DisplayPort 1.2 electrical standard
• 2:1 switching supporting data rates up to 5.4Gbps
• Supports HPD switching
• Wide -3dB differential BW of over 5.4 GHz
• Excellent dynamic characteristics (at 2.7GHz)
– Crosstalk = –50dB
– Isolation = –22dB
– Insertion loss = –1.4dB
– Return loss = –11 dB
– Max bit-bit skew = 4 ps
• VDD operating range 3.3 V ±10%
• Small 5 mm x 5 mm x 1 mm, 48-ball nFBGA
package
• Output enable (oe) pin disables switch to save
power
• Power consumption
– HD3SS212 <10mW (standby <30μW when OE
= L)

2 Applications
• PC & notebooks
• Tablets
• Connected peripherals & printers

3 Description
The HD3SS212 is a high-speed passive switch
capable of switching two full DisplayPort 4 lane ports
from one of two sources to one target location in an
application. For DisplayPort applications that
HD3SS212 also supports switching of the Auxiliary
(AUX) and Hot Plug Detect (HPD) signals. HPD path
is a buffer which requires a 125kΩ pull-down resistor
on the HPDC line.
A typical application would be a mother board that
includes two GPUs that need to drive one DisplayPort
sink. The GPU is selected by the Dx_SEL pin. The
HD3SS212 is offered in a 48-ball bfBGA package and
specified to operate from a single supply voltage of
3.3V over full industrial temperature range of –40°C to
105°C.




Similar Part No. - HD3SS212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212 TI-HD3SS212 Datasheet
1Mb / 26P
HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212ZQER TI1-HD3SS212ZQER Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212ZQER TI-HD3SS212ZQER Datasheet
1Mb / 26P
HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212ZQET TI1-HD3SS212ZQET Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
More results


Similar Description - HD3SS212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN3612B ONSEMI-NCN3612B Datasheet
631Kb / 11P
6-Channel Differential 1:2 Switch for PCIe 3.0 and DisplayPort 1.2
September, 2011 ??Rev. 0
logo
Texas Instruments
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS212 TI-HD3SS212_V01 Datasheet
1Mb / 26P
HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com