Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA170EA Datasheet (PDF) - Texas Instruments

INA170EA Datasheet PDF - Texas Instruments
Part # INA170EA
Download  INA170EA Download
File Size   894.7 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Side, Bidirectional CURRENT SHUNT MONITOR

INA170EA Datasheet (PDF)

Go To PDF Page Download Datasheet
INA170EA Datasheet PDF - Texas Instruments

Part # INA170EA
Download  INA170EA Click to download

File Size   894.7 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description High-Side, Bidirectional CURRENT SHUNT MONITOR

INA170EA Datasheet (HTML) - Texas Instruments


INA170EA Product details

FEATURES
COMPLETE BIDIRECTIONAL CURRENT
MEASUREMENT CIRCUIT
WIDE SUPPLY RANGE: 2.7V to 40V
SUPPLY-INDEPENDENT COMMON-MODE
VOLTAGE: 2.7V TO 60V
RESISTOR PROGRAMMABLE GAIN SET
LOW QUIESCENT CURRENT: 75μA (typ)
MSOP-8 PACKAGE

APPLICATIONS
CURRENT SHUNT MEASUREMENT:
Automotive, Telephone, Computers, Power
Systems, Test, General Instrumentation
PORTABLE AND BATTERY-BACKUP
SYSTEMS
BATTERY CHARGERS
POWER MANAGEMENT
CELL PHONES

DESCRIPTION
The INA170 is a high-side, bidirectional current shunt monitor
featuring a wide input common-mode voltage range, low
quiescent current, and a tiny MSOP-8 package.
Bidirectional current measurement is accomplished by output
offsetting. The offset voltage level is set with an external
resistor and voltage reference. This permits measurement of
a bidirectional shunt current while using a single supply for
the INA170.
Input common-mode and power-supply voltages are independent.
Input voltage can range from +2.7V to +60V on any
supply voltage from +2.7V to +40V. Low 10μA input bias
current adds minimal error to the shunt current.
The INA170 converts a differential input voltage to a current
output. This current develops a voltage across an external
load resistor, setting any gain from 1 to over 100.
The INA170 is available in an MSOP-8 package, and is
specified over the extended industrial temperature range,
–40°C to +85°C with operation from –55°C to +125°C.




Similar Part No. - INA170EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA170EA TI1-INA170EA Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170EA/250 BURR-BROWN-INA170EA/250 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170EA/250 TI1-INA170EA/250 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
INA170EA/250G4 TI1-INA170EA/250G4 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170EA/2K5 BURR-BROWN-INA170EA/2K5 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
More results


Similar Description - INA170EA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. 0
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. C
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
High-Side Measurement CURRENT SHUNT MONITOR
logo
Analog Devices
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
High Voltage, Bidirectional Current Shunt Monitor
REV. D
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Analog Devices
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
High Voltage, Bidirectional Current Shunt Monitor
4/07-Rev. 0 to Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com