Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA333 Datasheet (PDF) - Texas Instruments

INA333 Datasheet PDF - Texas Instruments
Part # INA333
Download  INA333 Download
File Size   935.08 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA333 Micro-Power (50μA), Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier

INA333 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA333 Datasheet PDF - Texas Instruments

Part # INA333
Download  INA333 Click to download

File Size   935.08 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA333 Micro-Power (50μA), Zerø-Drift, Rail-to-Rail Out Instrumentation Amplifier

INA333 Datasheet (HTML) - Texas Instruments


INA333 Product details

1 Features
1• Low Offset Voltage: 25 μV (Maximum), G ≥ 100
• Low Drift: 0.1 μV/°C, G ≥ 100
• Low Noise: 50 nV/√Hz, G ≥ 100
• High CMRR: 100 dB (Minimum), G ≥ 10
• Low Input Bias Current: 200 pA (Maximum)
• Supply Range: 1.8 V to 5.5 V
• Input Voltage: (V–) +0.1 V to (V+) –0.1 V
• Output Range: (V–) +0.05 V to (V+) –0.05 V
• Low Quiescent Current: 50 μA
• Operating Temperature: –40°C to +125°C
• RFI Filtered Inputs
• 8-Pin VSSOP and 8-Pin WSON Packages

2 Applications
• Bridge Amplifiers
• ECG Amplifiers
• Pressure Sensors
• Medical Instrumentation
• Portable Instrumentation
• Weigh Scales
• Thermocouple Amplifiers
• RTD Sensor Amplifiers
• Data Acquisition

3 Description
The INA333 device is a low-power, precision
instrumentation amplifier offering excellent accuracy.
The versatile 3-operational amplifier design, small
size, and low power make it ideal for a wide range of
portable applications.
A single external resistor sets any gain from 1 to
1000. The INA333 is designed to use an industrystandard
gain equation: G = 1 + (100 kΩ / RG).
The INA333 device provides very low offset voltage
(25 μV, G ≥ 100), excellent offset voltage drift
(0.1 μV/°C, G ≥ 100), and high common-mode
rejection (100 dB at G ≥ 10). It operates with power
supplies as low as 1.8 V (±0.9 V) and quiescent
current is only 50 μA, making it ideal for batteryoperated
systems. Using autocalibration techniques
to ensure excellent precision over the extended
industrial temperature range, the INA333 device also
offers exceptionally low noise density (50 nV/√Hz)
that extends down to DC.
The INA333 device is available in both 8-pin VSSOP
and WSON surface-mount packages and is specified
over the TA = –40°C to +125°C temperature range.




Similar Part No. - INA333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333 Datasheet
762Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333 Datasheet
860Kb / 26P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out
More results


Similar Description - INA333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA333 TI-INA333 Datasheet
651Kb / 23P
Micro-Power (50uA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_1 Datasheet
652Kb / 23P
Micro-Power (50mA), Zero -Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT Datasheet
575Kb / 24P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_2 Datasheet
875Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_3 Datasheet
762Kb / 25P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI-INA333_15 Datasheet
827Kb / 27P
Micro-Power (50mA), Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI-INA333-HT_15 Datasheet
446Kb / 26P
Micro-Power, Zer첩-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333 TI1-INA333_15 Datasheet
1Mb / 33P
Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA333-HT TI1-INA333-HT Datasheet
514Kb / 26P
Micro-Power, Zero-Drift, Rail-to-Rail Out Instrumentation Amplifier
INA317 TI1-INA317 Datasheet
561Kb / 31P
Micro-Power (50-uA), Zero-Drift, Rail-to-Rail-Out Instrumentation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com