Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA827 Datasheet (PDF) - Texas Instruments

INA827 Datasheet PDF - Texas Instruments
Part # INA827
Download  INA827 Download
File Size   935.64 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA827 Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier With a Minimum Gain of 5

INA827 Datasheet (PDF)

Go To PDF Page Download Datasheet
INA827 Datasheet PDF - Texas Instruments

Part # INA827
Download  INA827 Click to download

File Size   935.64 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA827 Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier With a Minimum Gain of 5

INA827 Datasheet (HTML) - Texas Instruments


INA827 Product details

1 Features
1• Eliminates Errors from External Resistors at Gain
of 5
• Common-Mode Range Goes Below
Negative Supply
• Input Protection: Up to ±40 V
• Rail-to-Rail Output
• Outstanding Precision:
– Common-Mode Rejection: 88 dB, minimum
– Low Offset Voltage: 150 μV, maximum
– Low Drift: 2.5 μV/°C, maximum
– Low Gain Drift: 1 ppm/°C, max (G = 5 V/V)
– Power-Supply Rejection:
100 dB, min (G = 5)
– Noise: 17 nV/√Hz, G = 1000 V/V
• High Bandwidth:
– G = 5: 600 kHz
– G = 100: 150 kHz
• Supply Current: 200 μA, typical
• Supply Range:
– Single Supply: 3 V to 36 V
– Dual Supply: ±1.5 V to ±18 V
• Specified Temperature Range:
–40°C to +125°C
• Package: 8-pin VSSOP

2 Applications
• Industrial Process Controls
• Multichannel Systems
• Power Automation
• Weigh Scales
• Medical Instrumentation
• Data Acquisition

3 Description
The INA827 is a low-cost instrumentation amplifier
(INA) that offers extremely low power consumption
and operates over a very wide single- or dual-supply
range. The device is optimized for the lowest possible
gain drift of only 1 ppm per degree Celsius in G = 5,
which requires no external resistor. However, a single
external resistor sets any gain from 5 to 1000.
The INA827 is optimized to provide excellent
common-mode rejection ratio (CMRR) of over 88 dB
(G = 5) over frequencies up to 5 kHz. In G = 5,
CMRR exceeds 88 dB across the full input commonmode
range from the negative supply all the way up
to 1 V of the positive supply. Using a rail-to-rail
output, the INA827 is well-suited for low-voltage
operation from a 3-V singlesupply as well as dual
supplies up to ±18 V. Additional circuitry protects the
inputs against overvoltage of up to ±40 V beyond the
power supplies by limiting the input currents to a save
level.
The INA827 is available in a small VSSOP-8 package
and is specified for the –40°C to +125°C temperature
range. For a similar instrumentation amplifier with a
gain range of 1 V/V to 1000 V/V, see the INA826.




Similar Part No. - INA827

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827AIDGK TI1-INA827AIDGK Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827AIDGK TI1-INA827AIDGK Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
INA827AIDGKR TI1-INA827AIDGKR Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827AIDGKR TI1-INA827AIDGKR Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Similar Description - INA827

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226 Datasheet
547Kb / 16P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
AD8227 AD-AD8227 Datasheet
657Kb / 24P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8426 AD-AD8426 Datasheet
284Kb / 20P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
logo
Texas Instruments
INA827 TI1-INA827 Datasheet
875Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI-INA827_15 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier with a Minimum Gain of 5
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. C
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com