Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7420FED Datasheet (PDF) - Texas Instruments

ISO7420FED Datasheet PDF - Texas Instruments
Part # ISO7420FED
Download  ISO7420FED Download
File Size   906.45 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO742x Low-Power Dual Channel Digital Isolators

ISO7420FED Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7420FED Datasheet PDF - Texas Instruments

Part # ISO7420FED
Download  ISO7420FED Click to download

File Size   906.45 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO742x Low-Power Dual Channel Digital Isolators

ISO7420FED Datasheet (HTML) - Texas Instruments


ISO7420FED Product details

1 Features
1• Signaling Rate > 50 Mbps
• Default Output 'High' and 'Low' Options
• Low Power Consumption: Typical ICC per Channel
(3.3-V Supplies):
– ISO7420: 1.4 mA at 1 Mbps, 2.5 mA at
25 Mbps
– ISO7421: 1.8 mA at 1 Mbps, 2.8 mA at
25 Mbps
• Low Propagation Delay: 7 ns Typical
• Low Pulse Skew: 200 ps Typical
• Wide TA Range Specified: –40°C to 125°C
• 50-KV/μs Transient Immunity, Typical
• Isolation Barrier Life: > 25 Years
• Operates from 3-V to 5.5-V Supply Levels
• 3.3-V and 5-V Level Translation
• Narrow Body SOIC-8 Package
• Safety and Regulatory Approvals:
– 4242 VPK Isolation per DIN V VDE V 0884-10
and DIN EN 61010-1
– 2500 V RMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 61010-1 Standards
– CQC Certification per GB4943.1-2011

2 Applications
• Opto-Coupler Replacement in:
– Industrial FieldBus
– ProfiBus
– ModBus
– DeviceNet™ Data Buses
– Servo Control Interface
– Motor Control
– Power Supplies
– Battery Packs

3 Description
ISO742x provide galvanic isolation up to 2500 VRMS
for 1 minute per UL and 4242 VPK per VDE. These devices have two isolated channels. Each channel
has a logic input and output buffer separated by a
silicon dioxide (SiO2) insulation barrier. Used in
conjunction with isolated power supplies, these
devices prevent noise currents on a data bus or other
circuit from entering the local ground and interfering
with or damaging sensitive circuitry. ISO7420 has
both channels in the same direction while ISO7421
has the two channels in opposite direction. In case of
input power or signal loss, default output is 'low' for
devices with suffix 'F' and 'high' for devices without
suffix 'F'. ISO742x have no integrated noise filter and
thus have fast propagation delays.
These devices have TTL input thresholds and
operate from 3-V to 5.5-V supplies. All inputs are 5-V
tolerant when supplied from a 3.3-V supply.




Similar Part No. - ISO7420FED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7420FED TI2-ISO7420FED Datasheet
906Kb / 35P
ISO742x Low-Power Dual Channel Digital Isolators
REVISED JULY 2015
ISO7420FED.A TI2-ISO7420FED.A Datasheet
906Kb / 35P
ISO742x Low-Power Dual Channel Digital Isolators
REVISED JULY 2015
ISO7420FED.B TI2-ISO7420FED.B Datasheet
906Kb / 35P
ISO742x Low-Power Dual Channel Digital Isolators
REVISED JULY 2015
ISO7420FEDR TI1-ISO7420FEDR Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
More results


Similar Description - ISO7420FED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
Low-Power Dual Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
LOW-POWER DUAL DIGITAL ISOLATORS
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
Low-Power Dual Channel Digital Isolators
ISO7420E TI-ISO7420E_15 Datasheet
1Mb / 33P
ISO742x Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
ISO742x Low-Power Dual-Channel Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
Low-Power Dual Digital Isolators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com