Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7177 Datasheet (PDF) - Maxim Integrated Products

VSC7177 Datasheet PDF - Maxim Integrated Products
Part # VSC7177
Download  VSC7177 Download
File Size   254.73 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI

VSC7177 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7177 Datasheet PDF - Maxim Integrated Products

Part # VSC7177
Download  VSC7177 Click to download

File Size   254.73 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Enhanced 2:1 Port Selector for Serial ATA and Serial Attached SCSI

VSC7177 Datasheet (HTML) - Maxim Integrated Products


VSC7177 Product details

GENERAL DESCRIPTION
The VSC7177 is a Serial ATA and Serial Attached SCSI multiplier/buffer that implements a 2:1 port selector function for 1.5 Gbps and 3.0 Gbps links. This function is used when dual hosts, such as I/O controllers, must access single-port disk drives in high availability storage subsystems where redundancy and load sharing are important. The outputs from the I/O controllers are muxed to a Serial ATA or Serial Attached SCSI drive. The output from the Serial ATA drive is buffered and replicated to the I/O controllers. When switching from one I/O controller to the other, a Serial ATA link must be re-initialized with out-of-band (OOB) signals, which are transferred through the VSC7177 transparently. The VSC7177 provides high output swings, pre-emphasis, and programmable receiver sensitivity that are needed to drive long backplanes and external cables.

FEATURES
● 2:1 port selector for both Serial ATA (SATA) and Serial Attached SCSI (SAS) links
● Serial ATA 1.0 compliant at 1.5 Gbps (3.0 Gbps capable)
● Sideband port selection
● Complies with Serial ATA II: Port Selector specification 1.0, including failover control
● Passes Serial ATA patterns transparently
● Programmable receiver sensitivity
● High output swing mode with pre-emphasis
● Compatible with legacy designs (VSC7173 and VSC7175); provides enhanced connectivity and signal pre-emphasis
● 0.6 W to 0.8 W power dissipation (depending on operating mode)
● 3.3 V power supply
● 32-pin, 7 mm x 7 mm QFP-N package

APPLICATIONS
● Active-passive redundant failover systems
● Dual-port Serial ATA and Serial Attached SCSI disk arrays (JBODs)
● NAS servers
● RAID subsystems
● Disk-based backup systems
● Serial ATA and Serial Attached SCSI routing applications
● Buffers for externally connected links




Similar Part No. - VSC7177

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
VSC7173XYI MAXIM-VSC7173XYI Datasheet
229Kb / 17P
Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
More results


Similar Description - VSC7177

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LSISASX28 LSI-LSISASX28 Datasheet
286Kb / 2P
28-Port 3Gb/s Serial Attached SCSI Expander
logo
Exar Corporation
XRS10L120 EXAR-XRS10L120 Datasheet
603Kb / 52P
SERIAL ATA II: 1:2 PORT MULTIPLIER
logo
Maxim Integrated Produc...
VSC7173 MAXIM-VSC7173 Datasheet
229Kb / 17P
Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
Revision 4.1 May 23, 2005
logo
Molex Electronics Ltd.
78012-0011 MOLEX-78012-0011 Datasheet
172Kb / 2P
Serial Attached SCSI
logo
Exar Corporation
XRS10L210 EXAR-XRS10L210 Datasheet
457Kb / 37P
SERIAL ATA II: PORT SELECTOR
XRS10L220 EXAR-XRS10L220 Datasheet
453Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
logo
DDK Ltd.
SAS-RA29-S1AA-FG DDK-SAS-RA29-S1AA-FG Datasheet
150Kb / 2P
Serial Attached SCSI Connectors
logo
3M Electronics
8N36 3M-8N36 Datasheet
324Kb / 6P
3M™ Mini Serial Attached SCSI (miniSAS) Cable Assembly
03-Jul-2007
logo
Keysight Technologies
N5412D KEYSIGHT-N5412D Datasheet
3Mb / 12P
N5412D Serial Attached SCSI-3
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com