Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3215 Datasheet (PDF) - Molex Electronics Ltd.

3215 Datasheet PDF - Molex Electronics Ltd.
Part # 3215
Download  3215 Download
File Size   57.98 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch PC Board Connector

3215 Datasheet (PDF)

Go To PDF Page Download Datasheet
3215 Datasheet PDF - Molex Electronics Ltd.

Part # 3215
Download  3215 Click to download

File Size   57.98 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description 3.96mm (.156") Pitch PC Board Connector

3215 Datasheet (HTML) - Molex Electronics Ltd.


3215 Product details

Features and Benefits
 Sizes 2 to 15 circuits
 Available without locking ramp or hook
 Polarizing key available
 Various tail lengths available
 Available with kinked tail option or single beam for low insertion force
 See 6365 for Trifurcon™ equivalent (contact Molex)




Similar Part No. - 3215

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3215 MOLEX-3215 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
List of Unclassifed Man...
3215 ETC2-3215 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
3215 KEYSTONE-3215 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Molex Electronics Ltd.
3215-HR19G1C MOLEX3-3215-HR19G1C Datasheet
210Kb / 4P
3.96mm (.156") Pitch KK PC Board Connector, Right Angle, Nylon Connector
logo
KR Electronics, Inc.
3215-SMA KR-3215-SMA Datasheet
99Kb / 3P
141 MHz Bandpass Filter
More results


Similar Description - 3215

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0009483104 MOLEX1-0009483104 Datasheet
338Kb / 13P
3.96mm (.156") Pitch KK짰 PC Board Connector, Bottom Entry, Polyester Connector,Gold (Au) Selective, 10 Circuits
0009483105 MOLEX1-0009483105 Datasheet
338Kb / 13P
3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector,Gold (Au) Selective, 10 Circuits
0009483064 MOLEX1-0009483064 Datasheet
338Kb / 13P
3.96mm (.156") Pitch KK짰 PC Board Connector, Bottom Entry, Polyester Connector, Gold (Au) Selective, 6 Circuits
0009483154 MOLEX1-0009483154 Datasheet
338Kb / 13P
3.96mm (.156") Pitch KK짰 PC Board Connector, Bottom Entry, Polyester Connector, Gold (Au) Selective, 15 Circuits
0009483066 MOLEX1-0009483066 Datasheet
338Kb / 13P
3.96mm (.156") Pitch KK짰 PC Board Connector, Top Entry, Polyester Connector, Gold (Au) Selective, 6 Circuits
0009483086 MOLEX1-0009483086 Datasheet
338Kb / 13P
3.96mm (.156") Pitch KK짰 PC Board Connector, Top Entry, Polyester Connector, Gold (Au) Selective, 8 Circuits
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
0038006269 MOLEX3-0038006269 Datasheet
210Kb / 4P
3.96mm (.156") Pitch KK PC Board Connector, Right Angle, Nylon Connector
0026116114 MOLEX3-0026116114 Datasheet
233Kb / 4P
3.96mm (.156") Pitch KK PC Board Connector, Right Angle, Nylon Connector
0026112113 MOLEX3-0026112113 Datasheet
255Kb / 4P
3.96mm (.156") Pitch KK PC Board Connector, Top Entry, Nylon Connector
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com