Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL-E1 Datasheet (PDF) - Honeywell Solid State Electronics Center

SL-E1 Datasheet PDF - Honeywell Solid State Electronics Center
Part # SL-E1
Download  SL-E1 Download
File Size   469.73 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description SLSeries Limit Switch

SL-E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SL-E1 Datasheet PDF - Honeywell Solid State Electronics Center

Part # SL-E1
Download  SL-E1 Click to download

File Size   469.73 Kbytes
Page   5 Pages
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center
Description SLSeries Limit Switch

SL-E1 Datasheet (HTML) - Honeywell Solid State Electronics Center


SL-E1 Product details

FEATURES
Asia standard dimension Design for small mounting space.
10A current capacity
Long mechanical life 1x107 operations
Wide range of actuators available
UL, cUL, CCC, CE approved
IP65 (standard type) and IP67 (precision type) Rated
Precision type SLP has built-in IP67 rated cable gland
(also available in M12 quick connector type)

Type Applications:
General Machinery
Conveyer, Transportation Equipments
Specialty Machinery
Packaging Mechinery




Similar Part No. - SL-E1

ManufacturerPart #DatasheetDescription
logo
EqcoLogic
SL-EQCO-POE-0V4 EQCOLOGIC-SL-EQCO-POE-0V4 Datasheet
772Kb / 2P
EqcoLogic Ethernet over Coal Adaptots with PoE/PoC
logo
Red Lion Controls. Inc
SL-ET-PS-024-02 REDLION-SL-ET-PS-024-02 Datasheet
488Kb / 2P
Unmanaged Industrial Ethernet Switches
SL-ET-PS-024-02 REDLION-SL-ET-PS-024-02 Datasheet
934Kb / 2P
Unmanaged Ethernet Switches
logo
NXP Semiconductors
SL-EV400 NXP-SL-EV400 Datasheet
225Kb / 16P
I•CODE PEGODA Smart Label Read/Write Device
Revision 1.0
SL-EV400/HAB NXP-SL-EV400/HAB Datasheet
225Kb / 16P
I•CODE PEGODA Smart Label Read/Write Device
Revision 1.0
More results


Similar Description - SL-E1

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
Omron Electronics LLC
VB-2211 OMRON-VB-2211 Datasheet
671Kb / 5P
Multiple Limit Switch
logo
Honeywell Accelerometer...
GLCA01A4J HONEYWELL-ACC-GLCA01A4J Datasheet
142Kb / 1P
LIMIT SWITCH
logo
Apacer Technology Inc.
MICROSD-H1-SL APACER-MICROSD-H1-SL Datasheet
1Mb / 3P
microSDH1-SLseries
logo
Festo Corporation.
8140400 FESTO-8140400 Datasheet
76Kb / 2P
Limit switch box
8137104 FESTO-8137104 Datasheet
94Kb / 2P
Limit switch box
7/20/22
8137105 FESTO-8137105 Datasheet
92Kb / 2P
Limit switch box
7/20/22
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
Vibration Limit Switch
2020-10-05
logo
Highly Electric Co., Lt...
AH8111 HIGHLY-AH8111 Datasheet
1Mb / 4P
LIMIT SWITCH
WL5101 HIGHLY-WL5101 Datasheet
1Mb / 4P
LIMIT SWITCH
More results




About Honeywell Solid State Electronics Center


Honeywell Solid State Electronics Center (SSEC) was a research and development facility of Honeywell Inc. that operated from 1957 to 1993 in Minneapolis, Minnesota, United States. The center was dedicated to the research, development, and production of solid-state electronics, including microelectronics, semiconductors, and related technologies.

During its operation, SSEC made significant contributions to the advancement of the semiconductor industry, particularly in the areas of integrated circuits, transistor design, and fabrication processes. Notable accomplishments of SSEC include the development of the first silicon transistor, the first commercial silicon planar transistor, and the first integrated circuit to use metal oxide semiconductor (MOS) technology.

In 1993, Honeywell closed the SSEC facility as part of a broader restructuring of its operations. The company's semiconductor business was subsequently sold to SGS-Thomson (now STMicroelectronics) in 1999.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com