Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7820 Datasheet (PDF) - Texas Instruments

ISO7820 Datasheet PDF - Texas Instruments
Part # ISO7820
Download  ISO7820 Download
File Size   976.53 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7820x High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator

ISO7820 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7820 Datasheet PDF - Texas Instruments

Part # ISO7820
Download  ISO7820 Click to download

File Size   976.53 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7820x High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator

ISO7820 Datasheet (HTML) - Texas Instruments


ISO7820 Product details

1 Features
1• Signaling Rate: Up to 100 Mbps
• Wide Supply Range: 2.25 V to 5.5 V
• 2.25 V to 5.5 V Level Translation
• Wide Temperature Range: –55°C to 125°C
• Low Power Consumption, Typical 1.7 mA per
Channel at 1 Mbps
• Low Propagation Delay: 11 ns Typical
(5 V Supplies)
• Industry leading CMTI(Min): ±100 kV/μs
• Robust Electromagnetic Compatibility (EMC)
• System-Level ESD, EFT, and Surge Immunity
• Low Emissions
• Isolation Barrier Life: > 25 Years
• SOIC-16 Wide Body (DW) and Extra-Wide Body
(DWW) Package Options
• Safety and Regulatory Approvals:
– 8000 VPK Reinforced Isolation per DIN V VDE
V 0884-10 (VDE V 0884-10):2006-12
– 5.7 kVRMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
– CQC Certification per GB4943.1-2011
– TUV Certification per EN 61010-1 and EN
60950-1
– All DW Package Certifications Complete;
DWW Package Certifications Complete per
UL, TUV and Planned for VDE, CSA, and
CQC

2 Applications
• Industrial Automation
• Motor Control
• Power Supplies
• Solar Inverters
• Medical Equipment
• Hybrid Electric Vehicles

3 Description
The ISO7820 is a high-performance, dual-channel
digital isolator with 8000 VPK isolation voltage. This
device has reinforced isolation certifications
according to VDE, CSA, CQC, and TUV. The isolator
provides high electromagnetic immunity and low
emissions at low power consumption, while isolating
CMOS or LVCMOS digital I/O’s. Each isolation
channel has a logic input and output buffer separated
by silicon dioxide (SiO2) insulation barrier. ISO7820
has two forward channels and no reverse-direction
channel. If the input power or signal is lost, default
output is 'high' for the ISO7820 and 'low' for the
ISO7820F device. Used in conjunction with isolated
power supplies, this device prevents noise currents
on a data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. Through innovative chip design and layout
techniques, electromagnetic compatibility of ISO7820
has been significantly enhanced to ease system-level
ESD, EFT, Surge and Emissions compliance.
ISO7820 is available in 16-pin SOIC wide-body (DW)
and extra-wide body (DWW) packages. The DWW
package option comes with enable pins which can be
used to put the respective outputs in high impedance
for multi-master driving applications and to reduce
power consumption.




Similar Part No. - ISO7820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7820DW TI1-ISO7820DW Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7820DWR TI1-ISO7820DWR Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7820DWW TI1-ISO7820DWW Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7820DWWR TI1-ISO7820DWWR Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results


Similar Description - ISO7820

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com