Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7840 Datasheet (PDF) - Texas Instruments

ISO7840 Datasheet PDF - Texas Instruments
Part # ISO7840
Download  ISO7840 Download
File Size   989.88 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7840x High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator

ISO7840 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISO7840 Datasheet PDF - Texas Instruments

Part # ISO7840
Download  ISO7840 Click to download

File Size   989.88 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISO7840x High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator

ISO7840 Datasheet (HTML) - Texas Instruments


ISO7840 Product details

1 Features
1• Signaling Rate: Up to 100 Mbps
• Wide Supply Range: 2.25 V to 5.5 V
• 2.25-V to 5.5-V Level Translation
• Wide Temperature Range: –55°C to +125°C
• Low-Power Consumption, Typical 1.7 mA per
Channel at 1 Mbps
• Low Propagation Delay: 11 ns Typical
(5-V Supplies)
• Industry leading CMTI (Min): ±100 kV/μs
• Robust Electromagnetic Compatibility (EMC)
• System-Level ESD, EFT, and Surge Immunity
• Low Emissions
• Isolation Barrier Life: >40 Years
• Wide Body SOIC-16 Package and Extra-Wide
Body SOIC-16 Package Options
• Safety and Regulatory Approvals:
– 8000-VPK Reinforced Isolation per DIN V VDE
V 0884-10 (VDE V 0884-10):2006-12
– 5.7-kVRMS Isolation for 1 Minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
– CQC Certification per GB4943.1-2011
– TUV Certification per EN 61010-1 and EN
60950-1
– All DW Package Certifications Complete;
DWW Package Certifications Complete per
UL, VDE, TUV and Planned for CSA and CQC

2 Applications
• Industrial Automation
• Motor Control
• Power Supplies
• Solar Inverters
• Medical Equipment
• Hybrid Electric Vehicles

3 Description
The ISO7840x device is a high-performance, quadchannel
digital isolator with a 8000-VPK isolation
voltage. This device has reinforced isolation
certifications according to VDE, CSA, CQC, and TUV.
The isolator provides high electromagnetic immunity
and low emissions at low-power consumption, while
isolating CMOS or LVCMOS digital I/Os. Each
isolation channel has a logic input and output buffer
separated by a silicon-dioxide (SiO2) insulation
barrier.
This device comes with enable pins that can be used
to put the respective outputs in high impedance for
multi-master driving applications and to reduce power
consumption. The ISO7840 device has four forward
and zero reverse-direction channels. If the input
power or signal is lost, the default output is high for
the ISO7840 device and low for the ISO7840F
device. See the Device Functional Modes section for
further details.
Used in conjunction with isolated power supplies, this
device helps prevent noise currents on a data bus or
other circuits from entering the local ground and
interfering with or damaging sensitive circuitry.
Through innovative chip design and layout
techniques, electromagnetic compatibility of the
ISO7840 device has been significantly enhanced to
ease system-level ESD, EFT, surge, and emissions
compliance.
The ISO7840 device is available in 16-pin SOIC
wide-body (DW) and extra-wide body (DWW)
packages.




Similar Part No. - ISO7840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840 TI2-ISO7840 Datasheet
1Mb / 37P
ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
REVISED JULY 2025
ISO7840DW TI1-ISO7840DW Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7840DW TI2-ISO7840DW Datasheet
1Mb / 37P
ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
REVISED JULY 2025
ISO7840DW.A TI2-ISO7840DW.A Datasheet
1Mb / 37P
ISO7840x High-Performance, 8000VPK Reinforced Quad-Channel Digital Isolator
REVISED JULY 2025
More results


Similar Description - ISO7840

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7840 TI-ISO7840_15 Datasheet
1Mb / 33P
ISO7840 ISO7840F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI-ISO7841_15 Datasheet
1Mb / 31P
ISO7841 ISO7841F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com