Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF347B Datasheet (PDF) - Texas Instruments

LF347B Datasheet PDF - Texas Instruments
Part # LF347B
Download  LF347B Download
File Size   940.23 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF347, LF347B JFET-Input Quad Operational Amplifiers

LF347B Datasheet (PDF)

Go To PDF Page Download Datasheet
LF347B Datasheet PDF - Texas Instruments

Part # LF347B
Download  LF347B Click to download

File Size   940.23 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LF347, LF347B JFET-Input Quad Operational Amplifiers

LF347B Datasheet (HTML) - Texas Instruments


LF347B Product details

1 Features
1• Low Input Bias Current: 50 pA Typical
• Low Input Noise Current: 0.01 pA/√Hz Typical
• Low Total Harmonic Distortion
• Low Supply Current: 8 mA Typical
• Gain Bandwidth: 3 MHz Typical
• High Slew Rate: 13 V/ms Typical

2 Applications
• Motor Integrated Systems: UPS
• Drives and Control Solutions: AC Inverters and VF
Drives
• Renewables: Solar Inverters
• Pro Audio Mixers
• Oscilloscopes

3 Description
The LF347 and LF347B devices are low-cost, highspeed,
JFET-input operational amplifiers. They
require low supply current yet maintain a large gainbandwidth
product and a fast slew rate. In addition,
their matched high-voltage JFET inputs provide very
low input bias and offset current.
The LF347 and LF347B can be used in applications
such as high-speed integrators, digital-to-analog
converters, sample-and-hold circuits, and many other
circuits.
The LF347 and LF347B devices are characterized for
operation from 0°C to 70°C.




Similar Part No. - LF347B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LF347B TI-LF347B Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
LF347BD TI-LF347BD Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
LF347BDE4 TI-LF347BDE4 Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
LF347BDG4 TI-LF347BDG4 Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
LF347BDR TI-LF347BDR Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
More results


Similar Description - LF347B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
Texas Instruments
TL080 TI-TL080 Datasheet
368Kb / 19P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL081 TI-TL081 Datasheet
463Kb / 29P
JFET-INPUT OPERATIONAL AMPLIFIERS
TL091 TI-TL091 Datasheet
610Kb / 8P
JFET-INPUT OPERATIONAL AMPLIFIERS
LF156JAN TI1-LF156JAN Datasheet
998Kb / 23P
JFET Input Operational Amplifiers
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
LF347MX TI1-LF347MX Datasheet
1Mb / 21P
LF147/LF347 Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
Wide Bandwidth Quad JFET Input Operational Amplifiers
LF155 TI1-LF155_16 Datasheet
2Mb / 43P
JFET Input Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com