Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1771 Datasheet (PDF) - Texas Instruments

LM1771 Datasheet PDF - Texas Instruments
Part # LM1771
Download  LM1771 Download
File Size   914.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1771 Low-Voltage Synchronous Buck Controller With Precision Enable and No External Compensation

LM1771 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1771 Datasheet PDF - Texas Instruments

Part # LM1771
Download  LM1771 Click to download

File Size   914.74 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1771 Low-Voltage Synchronous Buck Controller With Precision Enable and No External Compensation

LM1771 Datasheet (HTML) - Texas Instruments


LM1771 Product details

1 Features
1• Input Voltage Range of 2.8 V to 5.5 V
• 0.8-V Reference Voltage
• Precision Enable
• No Compensation Required
• Constant Frequency Across Input Range
• Low Quiescent Current of 400 μA
• Internal Soft-Start
• Short Circuit Protection
• 6-Pin WSON Package and 8-Pin VSSOP Package

2 Applications
• Simple-to-Design, High-Efficiency, Step-Down
Switching Regulators
• FPGAs, DSPs, and ASIC Power Supplies
• Set-Top Boxes
• Cable Modems
• Printers
• Digital Video Recorders
• Servers
• Graphic Cards

3 Description
The LM1771 device is an efficient synchronous buck
switching controller with a precision enable requiring no external compensation. The constant ON-time
control scheme provides a simple design free of
compensation components, allowing minimal
component count and board space. The precision enable pin allows flexibility in sequencing multiple
rails and setting UVLO. The LM1771 also
incorporates a unique input feedforward to maintain a
constant frequency independent of the input voltage.
The LM1771 is optimized for a low-voltage input range of 2.8 V to 5.5 V and can provide an adjustable
output as low as 0.8 V. Driving an external high-side
PFET and low-side NFET, it can provide efficiencies
as high as 95%.
Three versions of the LM1771 are available
depending on the switching frequency desired for the
application. Nominal switching frequencies are in the
range of 100 kHz to 1000 kHz.




Similar Part No. - LM1771

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771 NSC-LM1771 Datasheet
768Kb / 17P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771SMM NSC-LM1771SMM Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771SMM NSC-LM1771SMM Datasheet
768Kb / 17P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Texas Instruments
LM1771SMM TI1-LM1771SMM Datasheet
1Mb / 31P
Low-Voltage Synchronous Buck Controller
More results


Similar Description - LM1771

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1771 NSC-LM1771 Datasheet
1Mb / 18P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771_0608 NSC-LM1771_0608 Datasheet
768Kb / 17P
Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
logo
Intersil Corporation
ISL95873 INTERSIL-ISL95873 Datasheet
533Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
December 10, 2012
logo
Texas Instruments
LM1771 TI-LM1771_15 Datasheet
1Mb / 26P
LM1771 Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
No External Compensation
11/07/16
MIC24053 MICROCHIP-MIC24053 Datasheet
544Kb / 32P
No External Compensation
11/07/16
logo
Intersil Corporation
ISL95872 INTERSIL-ISL95872 Datasheet
617Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
January 26, 2012
logo
Renesas Technology Corp
ISL95872 RENESAS-ISL95872 Datasheet
830Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
ISL95873 RENESAS-ISL95873 Datasheet
835Kb / 17P
Buck PWM Controller with Internal Compensation and External Reference Tracking
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com