Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1949 Datasheet (PDF) - Texas Instruments

LM1949 Datasheet PDF - Texas Instruments
Part # LM1949
Download  LM1949 Download
File Size   856.15 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1949 Injector Drive Controller

LM1949 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM1949 Datasheet PDF - Texas Instruments

Part # LM1949
Download  LM1949 Click to download

File Size   856.15 Kbytes
Page   17 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM1949 Injector Drive Controller

LM1949 Datasheet (HTML) - Texas Instruments


LM1949 Product details

1FEATURES
2• Low Voltage Supply (3V–5.5V)
• 22 mA Output Drive Current
• No RFI Radiation
• Adaptable to All Injector Current Levels
• Highly Accurate Operation
• TTL/CMOS Compatible Input Logic Levels
• Short Circuit Protection
• High Impedance Input
• Externally Set Holding Current, IH
• Internally Set Peak Current (4 × IH)
• Externally Set Time-Out
• Can be Modified for Full Switching Operation
• Available in Plastic 8-Pin PDIP

APPLICATIONS
• Fuel Injection
• Throttle Body Injection
• Solenoid Controls
• Air and Fluid Valves
• DC Motor Drives

DESCRIPTION
The LM1949 linear integrated circuit serves as an
excellent control of fuel injector drive circuitry in
modern automotive systems. The IC is designed to
control an external power NPN Darlington transistor
that drives the high current injector solenoid. The
current required to open a solenoid is several times greater than the current necessary to merely hold it
open; therefore, the LM1949, by directly sensing the
actual solenoid current, initially saturates the driver
until the “peak” injector current is four times that of
the idle or “holding” current (Figure 19–Figure 22).
This guarantees opening of the injector. The current
is then automatically reduced to the sufficient holding
level for the duration of the input pulse. In this way,
the total power consumed by the system is
dramatically reduced. Also, a higher degree of
correlation of fuel to the input voltage pulse (or duty
cycle) is achieved, since opening and closing delays
of the solenoid will be reduced.
Normally powered from a 5V ± 10% supply, the IC is
typically operable over the entire temperature range
(−55°C to +125°C ambient) with supplies as low as 3
volts. This is particularly useful under “cold crank”
conditions when the battery voltage may drop low
enough to deregulate the 5-volt power supply.
The LM1949 is available in the plastic PDIP, (contact
factory for other package options).




Similar Part No. - LM1949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1949 NSC-LM1949 Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
LM1949 TI-LM1949 Datasheet
766Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
logo
National Semiconductor ...
LM1949M NSC-LM1949M Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
LM1949N NSC-LM1949N Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
More results


Similar Description - LM1949

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1949 NSC-LM1949 Datasheet
214Kb / 10P
LM1949 Injector Drive Controller
logo
Advanced Technical Mate...
DI17X ATM-DI17X Datasheet
54Kb / 1P
OUTLINE DC INJECTOR
logo
Level One
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
logo
Texas Instruments
LM1949 TI1-LM1949 Datasheet
791Kb / 17P
Injector Drive Controller
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Yuan Dean Scientific., ...
PE101G YUANDEAN-PE101G Datasheet
564Kb / 2P
POE Injector
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
LED Drive controller
logo
Texas Instruments
LM1949 TI-LM1949 Datasheet
766Kb / 17P
LM1949 Injector Drive Controller
REVISED MARCH 2013
logo
PHOENIX CONTACT
2703007 PHOENIX-2703007 Datasheet
986Kb / 29P
Injector - INJ 1010
Dec 6, 2022
2703005 PHOENIX-2703005 Datasheet
1Mb / 34P
Injector - INJ 1000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com