Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2502 Datasheet (PDF) - Texas Instruments

LM2502 Datasheet PDF - Texas Instruments
Part # LM2502
Download  LM2502 Download
File Size   820.32 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer

LM2502 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2502 Datasheet PDF - Texas Instruments

Part # LM2502
Download  LM2502 Click to download

File Size   820.32 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer

LM2502 Datasheet (HTML) - Texas Instruments


LM2502 Product details

1FEATURES
2• >300 Mbps Dual Link Raw Throughput
• MPL Physical Layer (MPL-0)
• Pin Selectable Master / Slave Mode
• Frequency Reference Transport
• Complete LVCMOS / MPL Translation
• Interface Modes:
– 16-bit CPU, i80 or m68 Style
– RGB565 with Glue Logic
• −30°C to 85°C Operating Range
• Link Power Down Mode Reduces I DDZ < 10 μA
• Dual Display Support (CS1* & CS2*)
• Via-less MPL Interconnect Feature
• 3.0V Supply Voltage (VDD and VDDA)
• Interfaces to 1.7V to 3.3V Logic (VDDIO)

SYSTEM BENEFITS
• Small Interface
• Low Power
• Low EMI
• Frequency Reference Transport
• Intrinsic Level Translation

DESCRIPTION
The LM2502 device is a dual link display interface
SERDES that adapts existing CPU / video busses to
a low power current-mode serial MPL link. The
chipset may also be used for a RGB565 application
with glue logic. The interconnect is reduced from 22
signals to only 3 active signals with the LM2502 chipset easing flex interconnect design, size and cost.
The Master Serializer (SER) resides beside an
application processor or baseband processor and
translates a parallel bus from LVCMOS levels to
serial MPL levels for transmission over a flex cable
and PCB traces to the Slave Deserializer (DES)
located near the display module.
Dual display support is provided for a primary and
sub display through the use of two ChipSelect
signals. A Mode pin selects either a i80 or m68 style
interface.
The Power_Down (PD*) input controls the power
state of the MPL interface. When PD* is asserted, the
MD1/0 and MC signals are powered down to save
current.
The LM2502 implements the physical layer of the
MPL Standard (MPL-0). The LM2502 is offered in
NOPB (Lead-free) NFBGA and WQFN packages.




Similar Part No. - LM2502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2502SM NSC-LM2502SM Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2502SQ NSC-LM2502SQ Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
LM2502SQ/NOPB TI1-LM2502SQ/NOPB Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
More results


Similar Description - LM2502

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
LM2506 NSC-LM2506 Datasheet
851Kb / 19P
Low Power Mobile Pixel Link (MPL) Level 0, 18-bit RGB Display Interface Serializer and Deserializer
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2507 NSC-LM2507 Datasheet
977Kb / 22P
Low Power Mobile Pixel Link (MPL) Level 0, 16-bit CPU Display interface Serializer and Deserializer
logo
Texas Instruments
LM4308 TI1-LM4308 Datasheet
989Kb / 28P
LM4308 Mobile Pixel Link Two (MPL-2) 18-bit CPU Display Interface Master/Slave
LM2512ASN TI-LM2512ASN Datasheet
1Mb / 28P
LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
Mobile Pixel Link Display Interface Serializer and Deserializer
LM2512A TI1-LM2512A_15 Datasheet
1Mb / 28P
Mobile Pixel Link RGB Display Interface Serializer
LM4312 TI1-LM4312 Datasheet
934Kb / 25P
LM4312 Mobile Pixel Link Two (MPL-2), RGB Display Differential Interface Serializer with Optional Dithering and Look Up Table
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com