Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2611 Datasheet (PDF) - Texas Instruments

LM2611 Datasheet PDF - Texas Instruments
Part # LM2611
Download  LM2611 Download
File Size   785.09 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2611 1.4-MHz Cuk Converter

LM2611 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2611 Datasheet PDF - Texas Instruments

Part # LM2611
Download  LM2611 Click to download

File Size   785.09 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2611 1.4-MHz Cuk Converter

LM2611 Datasheet (HTML) - Texas Instruments


LM2611 Product details

1 Features
1• 1.4-MHz Switching Frequency
• Low R DS(ON) DMOS FET
• 1-mVp-p Output Ripple
• −5 V at 300 mA From 5-V Input
• Better Regulation Than a Charge Pump
• Uses Tiny Capacitors and Inductors
• Wide Input Range: 2.7 V to 14 V
• Low Shutdown Current: <1 μA
• 5-Pin SOT-23 Package

2 Applications
• MR Head Bias
• Digital Camera CCD Bias
• LCD Bias
• GaAs FET Bias
• Positive to Negative Conversion

3 Description
The LM2611 is a current mode, PWM inverting
switching regulator. Operating from a 2.7-V to 4-V
supply, it is capable of producing a regulated
negative output voltage of up to −(36 VIN(MAX)). The
LM2611 utilizes an input and output inductor, which
enables low voltage ripple and RMS current on both the input and the output. With a switching frequency
of 1.4 MHz, the inductors and output capacitor can be
physically small and low cost. High efficiency is
achieved through the use of a low RDS(ON) FET.
The LM2611 features a shutdown pin, which can be
activated when the part is not needed to lower the Iq
and save battery life. A negative feedback (NFB) pin
provides a simple method of setting the output
voltage, using just two resistors. Cycle-by-cycle
current limiting and internal compensation further
simplify the use of the LM2611.
The LM2611 is available as a small 5-pin, SOT-23
package and comes in two grades. Grade A has a
1.2-A current limit and 0.5-Ω RDS(ON), and Grade B
has a 0.9-A current limit and 0.7-Ω RDS(ON).




Similar Part No. - LM2611

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
1.4MHz Cuk Converter
LM2611 NSC-LM2611 Datasheet
832Kb / 15P
1.4MHz Cuk Converter
logo
Texas Instruments
LM2611 TI1-LM2611 Datasheet
487Kb / 22P
Cuk Converter
logo
National Semiconductor ...
LM2611AMF NSC-LM2611AMF Datasheet
358Kb / 13P
1.4MHz Cuk Converter
LM2611AMF NSC-LM2611AMF Datasheet
832Kb / 15P
1.4MHz Cuk Converter
More results


Similar Description - LM2611

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2611 NSC-LM2611 Datasheet
358Kb / 13P
1.4MHz Cuk Converter
LM2611 NSC-LM2611_05 Datasheet
832Kb / 15P
1.4MHz Cuk Converter
logo
Microchip Technology
MCP1612T-ADJI MICROCHIP-MCP1612T-ADJI Datasheet
249Kb / 22P
Single 1A, 1.4 MHz Synchronous Buck Regulator
08/24/05
logo
API Technologies Corp
SF0115CD01490T APITECH-SF0115CD01490T Datasheet
161Kb / 3P
115 MHz SAW Filter 1.4 MHz Bandwidth
SD0696BA03217S APITECH-SD0696BA03217S Datasheet
166Kb / 3P
696.42 MHz Delay Line 1.4 MHz Bandwidth
logo
Integrated Technology F...
240108B ITF-240108B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
250121B ITF-250121B Datasheet
169Kb / 2P
Typical 1dB bandwidth of 1.4 MHz
logo
Texas Instruments
LM2611 TI-LM2611_15 Datasheet
1Mb / 24P
LM2611 1.4MHz Cuk Converter
LM2611 TI1-LM2611 Datasheet
487Kb / 22P
Cuk Converter
logo
Exar Corporation
SP6652 EXAR-SP6652 Datasheet
965Kb / 16P
1A, High Efficiency, Fixed 1.4 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com