Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2660 Datasheet (PDF) - Texas Instruments

LM2660 Datasheet PDF - Texas Instruments
Part # LM2660
Download  LM2660 Download
File Size   930.17 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2660 Switched Capacitor Voltage Converter

LM2660 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2660 Datasheet PDF - Texas Instruments

Part # LM2660
Download  LM2660 Click to download

File Size   930.17 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2660 Switched Capacitor Voltage Converter

LM2660 Datasheet (HTML) - Texas Instruments


LM2660 Product details

1 Features
1• Inverts or Doubles Input Supply Voltage
• Narrow SOIC and VSSOP Packages
• 6.5-Ω Typical Output Resistance
• 88% Typical Conversion Efficiency at 100 mA
• Selectable Oscillator Frequency: 10 kHz/80 kHz
• Optional External Oscillator Input

2 Applications
• Laptop Computers
• Cellular Phones
• Medical Instruments
• Operational Amplifier Power Supplies
• Interface Power Supplies
• Handheld Instruments

3 Description
The LM2660 CMOS charge-pump voltage converter
is a versatile unregulated switched capacitor inverter or doubler. Operating from a wide 1.5-V to 5.5-V
supply voltage, the LM2660 uses two low-cost
capacitors to provide 100 mA of output current
without the cost, size and EMI related to inductor- based converters. With an operating current of only
120 μA and operating efficiency greater than 90% at
most loads, the LM2660 provides ideal performance
for battery-powered systems. LM2660 devices can be
operated directly in parallel to lower output
impedance, thus providing more current at a given
voltage.
The FC (frequency control) pin selects between a
nominal 10-kHz or 80-kHz oscillator frequency. The
oscillator frequency can be lowered by adding an
external capacitor to the OSC pin. Also, the OSC pin
may be used to drive the LM2660 with an external clock up to 150 kHz. Through these methods, output
ripple frequency and harmonics may be controlled.
Additionally, the LM2660 may be configured to divide
a positive input voltage precisely in half. In this mode,
input voltages as high as 11 V may be used.




Similar Part No. - LM2660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2660 NSC-LM2660 Datasheet
296Kb / 12P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2660 TI1-LM2660 Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
LM2660 TI-LM2660 Datasheet
1Mb / 27P
LM2660 Switched Capacitor Voltage Converter
LM2660-MWC TI1-LM2660-MWC Datasheet
1Mb / 27P
Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2660M NSC-LM2660M Datasheet
296Kb / 12P
Switched Capacitor Voltage Converter
More results


Similar Description - LM2660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
LM2661MX_NOPB TI1-LM2661MX_NOPB Datasheet
1Mb / 20P
LM2660 Switched Capacitor Voltage Converter
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2660 TI-LM2660_15 Datasheet
1Mb / 27P
LM2660 Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com