Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26NV Datasheet (PDF) - Texas Instruments

LM26NV Datasheet PDF - Texas Instruments
Part # LM26NV
Download  LM26NV Download
File Size   792.76 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26NV SOT-23, ±3°C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)

LM26NV Datasheet (PDF)

Go To PDF Page Download Datasheet
LM26NV Datasheet PDF - Texas Instruments

Part # LM26NV
Download  LM26NV Click to download

File Size   792.76 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26NV SOT-23, ±3°C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)

LM26NV Datasheet (HTML) - Texas Instruments


LM26NV Product details

1 Features
• Internal Comparator with Pin Programmable 2°C
or 10°C Hysteresis
• No External Components Required
• Open Drain or Push-Pull Digital Output; Supports
CMOS Logic Levels
• Internal Temperature Sensor
• Internal Voltage Reference and DAC for Trip-Point
Setting
• Currently Available in 5-Pin SOT-23 Plastic
Package
• Excellent Power Supply Noise Rejection
• Key Specifications:
– Power Supply Voltage: 2.7V to 5.5 V
– Power Supply Current:
• 40μA(max)
• 20μA(typ)
– Hysteresis Temperature: 2°C or 10°C(typ)

2 Applications
• Microprocessor Thermal Management
• Appliances
• Portable Battery Powered Systems
• Fan Control
• Industrial Process Control
• HVAC Systems
• Remote Temperature Sensing
• Electronic System Protection

3 Description
The LM26NV is a precision, single digital-output, lowpower
thermostat comprised of an internal reference,
DAC, temperature sensor and comparator. Utilizing
factory programming, it can be manufactured with
different trip points as well as different digital output
functionality. The trip point (TOS) can be preset at
the factory to any temperature in the range of −55°C
to +110°C in 1°C increments. The LM26NV has one
digital output (OS/ OS/US/ US) and one digital input
(HYST). The digital output stage can be preset as
either open-drain or push-pull. In addition, it can be
factory programmed to be active HIGH or LOW. The
digital output can be factory programmed to indicate
an over temperature shutdown event (OS or OS) or
an under temperature shutdown event (US or US).
When preset as an overtemperature shutdown ( OS),
it will go LOW to indicate that the die temperature is
over the internally preset TOS and go HIGH when the
temperature goes below (TOS–THYST). Similarly, when
preprogrammed as an undertemperature shutdown
(US) it will go HIGH to indicate that the temperature
is below TUS and go LOW when the temperature is
above (TUS+THYST). The typical hysteresis, THYST, can
be set to 2°C or 10°C and is controlled by the state of
the HYST pin.
Available parts are detailed in the ordering
information. For other part options, contact a Texas
Instruments Distributor or Sales Representative for
information on minimum order qualification. The
LM26NV is currently available in a 5-lead SOT-23
package.




Similar Part No. - LM26NV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26NV TI-LM26NV Datasheet
739Kb / 17P
LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
More results


Similar Description - LM26NV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM26NV TI-LM26NV_15 Datasheet
739Kb / 17P
LM26NV SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
LM27 TI-LM27_15 Datasheet
981Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com