Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2747MTC/NOPB Datasheet (PDF) - Texas Instruments

LM2747MTC/NOPB Datasheet PDF - Texas Instruments
Part # LM2747MTC/NOPB
Download  LM2747MTC/NOPB Download
File Size   940.61 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2747 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization

LM2747MTC/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2747MTC/NOPB Datasheet PDF - Texas Instruments

Part # LM2747MTC/NOPB
Download  LM2747MTC/NOPB Click to download

File Size   940.61 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2747 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization

LM2747MTC/NOPB Datasheet (HTML) - Texas Instruments


LM2747MTC/NOPB Product details

1FEATURES
2• ±1% Feedback Voltage Accuracy Over
Temperature
• Switching Frequency from 50 kHz to 1 MHz
• Switching Frequency Synchronize Range 250
kHz to 1 MHz
• Startup with a Pre-Biased Output Load
• Power Stage Input Voltage from 1V to 14V
• Control Stage Input Voltage from 3V to 6V
• Output Voltage Adjustable Down to 0.6V
• Power Good Flag and Shutdown
• Output Overvoltage and Undervoltage
Detection
• Low-Side Adjustable Current Sensing
• Adjustable Soft-Start
• Tracking and Sequencing with Shutdown and
Soft Start Pins
• 14-Pin TSSOP Package

APPLICATIONS
• Down Conversion from 3.3V pre•
Cable Modem, DSL and ADSL
• Laser Jet and Ink Jet Printers
• Low Voltage Power Modules
• DSP, ASIC, Core and I/O

DESCRIPTION
The LM2747 is a high-speed synchronous buck
regulator controller with a feedback voltage accuracy
of ±1%. It can provide simple down conversion to
output voltages as low as 0.6V. Though the control
section of the IC is rated for 3 to 6V, the driver
section is designed to accept input supply rails as
high as 14V. The use of adaptive non-overlapping
MOSFET gate drivers helps avoid potential shoot-
through problems while maintaining high efficiency.
The IC is designed for the more cost-effective option
of driving only N-channel MOSFETs in both the highside
and low-side positions. It senses the low-side
switch voltage drop for providing a simple, adjustable
current limit.
The LM2747 features a fixed-frequency voltage-mode
PWM control architecture which is adjustable from 50
kHz to 1 MHz with one external resistor. In addition,
the LM2747 also allows the switching frequency to be
synchronized to an external clock signal over the range of 250 kHz to 1 MHz. This wide range of
switching frequency gives the power supply designer
the flexibility to make better tradeoffs between
component size, cost and efficiency.
Features include the ability to startup with a pre•
biased load on the output, soft-start, input
undervoltage lockout (UVLO) and Power Good (based on both undervoltage and overvoltage
detection). In addition, the shutdown pin of the IC can
be used for providing startup delay, and the soft-start
pin can be used for implementing precise tracking, for
the purpose of sequencing with respect to an external
rail.




Similar Part No. - LM2747MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747MTC/NOPB TI-LM2747MTC/NOPB Datasheet
1Mb / 38P
Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
More results


Similar Description - LM2747MTC/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2745 NSC-LM2745 Datasheet
1Mb / 23P
Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Texas Instruments
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
Pre-bias startup
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com