Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2765 Datasheet (PDF) - Texas Instruments

LM2765 Datasheet PDF - Texas Instruments
Part # LM2765
Download  LM2765 Download
File Size   873.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2765 Switched-Capacitor Voltage Converter

LM2765 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2765 Datasheet PDF - Texas Instruments

Part # LM2765
Download  LM2765 Click to download

File Size   873.52 Kbytes
Page   21 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2765 Switched-Capacitor Voltage Converter

LM2765 Datasheet (HTML) - Texas Instruments


LM2765 Product details

1 Features
1• Doubles Input Supply Voltage
• SOT-23 6-Pin Package
• 20-Ω Typical Output Impedance
• 90% Typical Conversion Efficiency at 20 mA
• 0.1-μA Typical Shutdown Current

2 Applications
• Cellular Phones
• Pagers
• PDAs
• Operational Amplifier Power Supplies
• Interface Power Supplies
• Handheld Instruments

3 Description
The LM2765 CMOS charge-pump voltage converter
operates as a voltage doubler for an input voltage in
the range of 1.8 V to 5.5 V. Two low-cost capacitors
and a diode are used in this circuit to provide up to 20
mA of output current.
The LM2765 operates at 50-kHz switching frequency
to reduce output resistance and voltage ripple. With
an operating current of only 130 μA (operating
efficiency greater than 90% with most loads) and 0.1-
μA typical shutdown current, the LM2765 provides
ideal performance for battery powered systems. The
device is manufactured in a 6-pin SOT-23 package.




Similar Part No. - LM2765

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2765 NSC-LM2765 Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2765 TI-LM2765 Datasheet
904Kb / 14P
LM2765 Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2765M6 NSC-LM2765M6 Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
LM2765M6X NSC-LM2765M6X Datasheet
208Kb / 9P
Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2765M6X/NOPB TI-LM2765M6X/NOPB Datasheet
904Kb / 14P
LM2765 Switched Capacitor Voltage Converter
More results


Similar Description - LM2765

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2662 NSC-LM2662 Datasheet
282Kb / 12P
Switched Capacitor Voltage Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
Switched Capacitor Voltage Converter
LM2681 NSC-LM2681 Datasheet
201Kb / 8P
Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
Switched Capacitor Voltage Converter
logo
ON Semiconductor
MAX829 ONSEMI-MAX829 Datasheet
158Kb / 18P
Switched Capacitor Voltage Converter
July, 2004 ??Rev. 3
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
Switched-Capacitor Voltage Converter
logo
Texas Instruments
156869 TI-156869 Datasheet
653Kb / 9P
Switched Capacitor Voltage Converter
LM2765 TI-LM2765_15 Datasheet
904Kb / 14P
LM2765 Switched Capacitor Voltage Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com