Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2854 Datasheet (PDF) - Texas Instruments

LM2854 Datasheet PDF - Texas Instruments
Part # LM2854
Download  LM2854 Download
File Size   966.32 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2854 4-A 500-kHz / 1-MHz Synchronous Buck Regulator

LM2854 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2854 Datasheet PDF - Texas Instruments

Part # LM2854
Download  LM2854 Click to download

File Size   966.32 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2854 4-A 500-kHz / 1-MHz Synchronous Buck Regulator

LM2854 Datasheet (HTML) - Texas Instruments


LM2854 Product details

1 Features
1• Input Voltage Range of 2.95 V to 5.5 V
• Maximum Load Current of 4 A
• Wide Bandwidth Voltage Mode Control Loop,
Partial Internal Compensation
• Fixed Switching Frequency of 500 kHz or 1 MHz
• 35-mΩ Integrated MOSFET Switches
• Adjustable Output Voltage Down to 0.8 V
• Optimized Reference Voltage Initial Accuracy and
Temperature Drift
• External Soft-Start Control With Tracking
Capability
• Enable Pin With Hysteresis
• Low Standby Current of 230 μA
• Pre-Biased Load Start-up Capability
• Integrated UVLO, OCP, and Thermal Shutdown
• 100% Duty Cycle Capability
• HTSSOP-16 Exposed Pad Package

2 Applications
• Low Voltage POL Regulation from 5-V or 3.3-V
Rail
• Local Solution for FPGA/DSP/ASIC/μP Core or
I/O Power
• Broadband Networking and Communications
Infrastructure
• Portable Computing

3 Description
The LM2854 PowerWise™ buck regulator is a 500-
kHz or 1-MHz step-down switching voltage regulator
capable of driving up to a 4-A load with exceptional
power conversion efficiency, line and load regulation,
and output accuracy. The LM2854 can accept an
input voltage rail between 2.95 V and 5.5 V, and
deliver an adjustable and highly accurate output
voltage as low as 0.8 V. Externally established softstart
with a small capacitor facilitates controlled startup,
and the LM2854 is capable of starting gracefully
into a pre-biased output voltage. Partial internal
compensation reduces the number of external
passive components and PC board space typically
necessary in a voltage mode buck converter
application, yet preserving flexibility to deal with
ceramic and/or electrolytic based load capacitors.
Lossless cycle-by-cycle peak current limit is used to
protect the load from an overcurrent or short-circuit
fault, and an enable comparator simplifies
sequencing applications. The LM2854 is available in
an exposed pad HTSSOP-16 package that enhances
the thermal performance of the regulator.




Similar Part No. - LM2854

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2854 TI1-LM2854 Datasheet
1Mb / 30P
4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM2854 TI1-LM2854 Datasheet
1Mb / 33P
Synchronous SIMPLE SWITCHER Buck Regulator
logo
National Semiconductor ...
LM2854MH-1000 NSC-LM2854MH-1000 Datasheet
537Kb / 22P
4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
logo
Texas Instruments
LM2854MH-1000 TI1-LM2854MH-1000 Datasheet
1Mb / 33P
Synchronous SIMPLE SWITCHER Buck Regulator
More results


Similar Description - LM2854

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2854 NSC-LM2854 Datasheet
537Kb / 22P
4A 500 kHz / 1 MHz PowerWise짰 Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
ON Semiconductor
NCP1599 ONSEMI-NCP1599 Datasheet
183Kb / 10P
1 MHz, 3 A Synchronous Buck Regulator
May, 2010 ??Rev. P0
NCP1593 ONSEMI-NCP1593_12 Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
NCP1593A ONSEMI-NCP1593A Datasheet
377Kb / 13P
1 MHz, 3 A Synchronous Buck Regulator
July, 2012 ??Rev. 2
NCP1599MNTWG ONSEMI-NCP1599MNTWG Datasheet
370Kb / 15P
1 MHz, 3 A Synchronous Buck Regulator
August, 2010 ??Rev. 0
logo
Texas Instruments
LM2854 TI1-LM2854_14 Datasheet
1Mb / 30P
4A 500 kHz / 1 MHz Synchronous SIMPLE SWITCHER짰 Buck Regulator
LM20323 TI1-LM20323_14 Datasheet
1Mb / 28P
36V, 3A 500 kHz Synchronous Buck Regulator
logo
ON Semiconductor
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com