Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2876 Datasheet (PDF) - Texas Instruments

LM2876 Datasheet PDF - Texas Instruments
Part # LM2876
Download  LM2876 Download
File Size   937.22 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute

LM2876 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2876 Datasheet PDF - Texas Instruments

Part # LM2876
Download  LM2876 Click to download

File Size   937.22 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2876 Overture™ Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute

LM2876 Datasheet (HTML) - Texas Instruments


LM2876 Product details

1FEATURES
23• 40W Continuous Average Output Power Into
8Ω
• 75W Instantaneous Peak Output Power
Capability
• Signal-to-Noise Ratio ≥ 95 dB(min)
• An Input Mute Function
• Output Protection From A Short to Ground Or
to the Supplies Via Internal Current Limiting
Circuitry
• Output Over-Voltage Protection Against
Transients From Inductive Loads
• Supply Under-Voltage Protection, Not Allowing
Internal Biasing to Occur When |VEE| + |VCC| ≤
12V, Thus Eliminating Turn-On and Turn-Off
Transients
• 11-Lead PFM Package
• Wide Supply Range 20V - 72V

APPLICATIONS
• Component Stereo
• Compact Stereo
• Self-Powered Speakers
• Surround-Sound Amplifiers
• High-End Stereo TVs

DESCRIPTION
The LM2876 is a high-performance audio power
amplifier capable of delivering 40W of continuous average power to an 8Ω load with 0.1% THD+N from
20Hz–20kHz.
The performance of the LM2876, utilizing its Self Peak Instantaneous Temperature (°Ke) (SPiKe)
protection circuitry, puts it in a class above discrete
and hybrid amplifiers by providing an inherently,
dynamically protected Safe Operating Area (SOA).
SPiKe protection means that these parts are
completely safeguarded at the output against
overvoltage, undervoltage, overloads, including shorts
to the supplies, thermal runaway, and instantaneous
temperature peaks.
The LM2876 maintains an excellent signal-to-noise
ratio of greater than 95dB (min) with a typical low
noise floor of 2.0μV. It exhibits extremely low THD+N
values of 0.06% at the rated output into the rated
load over the audio spectrum, and provides excellent
linearity with an IMD (SMPTE) typical rating of
0.004%.




Similar Part No. - LM2876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM2876T NSC-LM2876T Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876TF NSC-LM2876TF Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
More results


Similar Description - LM2876

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM3876 NSC-LM3876 Datasheet
566Kb / 19P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886 Datasheet
745Kb / 20P
Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3886 NSC-LM3886_03 Datasheet
846Kb / 24P
Overture TM Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM3876 NSC-LM3876_00 Datasheet
1Mb / 22P
Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
logo
Texas Instruments
LM3886 TI1-LM3886 Datasheet
1Mb / 31P
LM3886 Overture Audio Power Amplifier Series High-Performance 68W Audio Power Amplifier w/Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
LM3876 TI1-LM3876 Datasheet
937Kb / 29P
LM3876 Overture??Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com