Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3103 Datasheet (PDF) - Texas Instruments

LM3103 Datasheet PDF - Texas Instruments
Part # LM3103
Download  LM3103 Download
File Size   979.33 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3103 Synchronous 1-MHz 0.75-A Step-Down Voltage Regulator

LM3103 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3103 Datasheet PDF - Texas Instruments

Part # LM3103
Download  LM3103 Click to download

File Size   979.33 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3103 Synchronous 1-MHz 0.75-A Step-Down Voltage Regulator

LM3103 Datasheet (HTML) - Texas Instruments


LM3103 Product details

1 Features
1• Input Voltage Range 4.5 V to 42 V
• 0.75 A Output Current
• 0.6V, ±2% Reference
• Integrated Dual N-Channel Main and
Synchronous MOSFETs
• Low Component Count and Small Solution Size
• Stable with Ceramic and Other Low ESR
Capacitors
• No Loop Compensation Required
• High Efficiency at a Light Load by DCM Operation
• Pre-bias Startup
• Ultra-Fast Transient Response
• Programmable Soft-Start
• Programmable Switching Frequency up to 1 MHz
• Valley Current Limit
• Thermal Shutdown
• Output Over-Voltage Protection
• Precision Internal Reference for an Adjustable
Output Voltage Down to 0.6 V
• Thermally Enhanced HTSSOP-16 Package

2 Applications
• 5VDC, 12VDC, 24VDC, 12VAC, and 24VAC
Systems
• Embedded Systems
• Industrial Control
• Automotive Telematics and Body Electronics
• Point of Load Regulators
• Storage Systems
• Broadband Infrastructure
• Direct Conversion from 2,3,4 Cell Lithium
Batteries Systems

3 Description
The LM3103 Synchronously Rectified Buck Converter
features all required functions to implement a highly
efficient and cost effective buck regulator. It is
capable of supplying 0.75 A to loads with an output
voltage as low as 0.6 V. Dual N-Channel
synchronous MOSFET switches allow a low
component count, thus reducing complexity and
minimizing board size.
Different from most other COT regulators, the
LM3103 does not rely on output capacitor ESR for
stability, and is designed to work exceptionally well
with ceramic and other very low ESR output
capacitors. It requires no loop compensation, results
in a fast load transient response and simple circuit
implementation. The operating frequency remains
nearly constant with line variations due to the inverse
relationship between the input voltage and the ontime.
The operating frequency can be externally
programmed up to 1 MHz. Protection features include
VCC under-voltage lock-out, output over-voltage
protection, thermal shutdown, and gate drive undervoltage
lock-out. The LM3103 is available in the
thermally enhanced HTSSOP-16 package.




Similar Part No. - LM3103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3103 NSC-LM3103 Datasheet
351Kb / 16P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
LM3103 TI1-LM3103 Datasheet
1Mb / 20P
SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM3103MH NSC-LM3103MH Datasheet
351Kb / 16P
SIMPLE SWITCHER짰 Synchronous 1MHz 0.75A Step-Down Voltage Regulator
logo
Texas Instruments
LM3103MH/NOPB TI1-LM3103MH/NOPB Datasheet
1Mb / 20P
SIMPLE SWITCHER Synchronous 1MHz 0.75A Step-Down Voltage Regulator
More results


Similar Description - LM3103

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3102 TI-LM3102_15 Datasheet
1Mb / 30P
LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
TPS55160-Q1 TI1-TPS55160-Q1 Datasheet
1Mb / 45P
36-V, 1-A Output, 2-MHz, Single Inductor, Synchronous Step-Up and Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
logo
Infineon Technologies A...
TLS4120D0EPV50 INFINEON-TLS4120D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV INFINEON-TLS4125D0EPV Datasheet
3Mb / 43P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV33 INFINEON-TLS4125D0EPV33 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV50 INFINEON-TLS4125D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com