Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3241 Datasheet (PDF) - Texas Instruments

LM3241 Datasheet PDF - Texas Instruments
Part # LM3241
Download  LM3241 Download
File Size   925.86 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3241 6-MHz, 750-mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers

LM3241 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3241 Datasheet PDF - Texas Instruments

Part # LM3241
Download  LM3241 Click to download

File Size   925.86 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3241 6-MHz, 750-mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers

LM3241 Datasheet (HTML) - Texas Instruments


LM3241 Product details

1 Features
1• 6-MHz (typ.) PWM Switching Frequency
• Operates from a Single Li-Ion Cell (2.7 V to 5.5 V)
• Adjustable Output Voltage (0.6 V to 3.4 V)
• 750-mA Maximum Load Capability
• High Efficiency (95% typ. at 3.9 VIN, 3.3 VOUT at
500 mA)
• Automatic Eco-mode™ and PWM Mode Change
• 6-Bump DSBGA Package
• Current Overload Protection
• Thermal Overload Protection
• Soft Start Function
• CIN and COUT are 0402 (1005) Case Size and 6.3
V of Rated-Voltage Ceramic Capacitor
• Small Chip Inductor in 0805 (2012) Case Size

2 Applications
• Battery-Powered 3G and 4G Power Amplifiers
• Hand-Held Radios
• RF PC Cards
• Battery-Powered RF Devices

3 Description
The LM3241 is a DC-DC converter optimized for
powering RF power amplifiers (PAs) from a single
Lithium-Ion cell. The device can also be used in many
other applications. The device steps down an input
voltage from 2.7 V to 5.5 V to an adjustable output
voltage from 0.6 V to 3.4 V. The output voltage is set
using a VCON analog input for controlling power
levels and efficiency of the RF PA.
The LM3241 offers three modes of operation. In
PWM mode the device operates at a fixed frequency
of 6 MHz (typical) which minimizes RF interference
when driving medium-to-heavy loads. At light-load
conditions, the device enters into Eco-mode
automatically and operates with reduced switching
frequency. In Eco-mode, the quiescent current is
reduced and extends the battery life. Shutdown mode
turns the device off and reduces battery consumption
to 0.1 μA (typical).
The LM3241 is available in a 6-bump lead-free
DSBGA package. A high-switching frequency (6
MHz) allows use of tiny surface-mount components.
Only three small external surface-mount components,
an inductor and two ceramic capacitors are required.




Similar Part No. - LM3241

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3241TLE/NOPB TI1-LM3241TLE/NOPB Datasheet
1Mb / 23P
LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3241TLX/NOPB TI1-LM3241TLX/NOPB Datasheet
1Mb / 23P
LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
More results


Similar Description - LM3241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3218 NSC-LM3218 Datasheet
4Mb / 16P
650 mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com