Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3420 Datasheet (PDF) - Texas Instruments

LM3420 Datasheet PDF - Texas Instruments
Part # LM3420
Download  LM3420 Download
File Size   795.5 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3420 8.4-V Li-Ion Battery Charge Controller

LM3420 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3420 Datasheet PDF - Texas Instruments

Part # LM3420
Download  LM3420 Click to download

File Size   795.5 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3420 8.4-V Li-Ion Battery Charge Controller

LM3420 Datasheet (HTML) - Texas Instruments


LM3420 Product details

1 Features
1• Input Voltage Range: up to 20 V
• Voltage Options for Charging 1, 2, 3, or 4 Cells
• Output Current up to 15 mA
• Precision (0.5%) End-of-Charge Control
– LM3420 ±1%
– LM3420A ±0.5%
• Drive Capability for External Power Stage
• Temperature Drift Curvature Correction for
Voltage Stability
• Low Quiescent Current, 85 μA (Typ.)
• Tiny SOT-23-5 package

2 Applications
• Lithium-Ion Battery Charging
• Suitable for Linear and Switching Regulator
Charger Designs

3 Description
The LM3420 series of controllers are monolithic
integrated circuits designed for charging and end-of- charge control for lithium-ion rechargeable batteries.
The LM3420 is available in an 8.4-V version for one
through four cell charger applications.
Included in a very small package is an (internally
compensated) op amp, a bandgap reference, an NPN
output transistor, and voltage setting resistors. The amplifier's inverting input is externally accessible for
loop frequency compensation. The output is an open-
emitter NPN transistor capable of driving up to 15 mA
of output current into external circuitry.
A trimmed precision bandgap reference utilizes
temperature drift curvature correction for excellent
voltage stability over the operating temperature
range. The LM3420 series allows for precision end- of-charge voltage threshold for lithium-ion
rechargeable batteries. The premium grade LM3420A
is available with an initial voltage threshold tolerance
of ±0.5%, while the standard grade LM3420 has an
initial voltage threshold tolerance of ±1%.
The LM3420 is available in a sub-miniature 5-lead
surface mount package thus allowing very compact
designs.




Similar Part No. - LM3420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420 NSC-LM3420 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
LM3420 NSC-LM3420 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Texas Instruments
LM3420 TI1-LM3420 Datasheet
1Mb / 26P
8.4-V Li-Ion Battery Charge Controller
logo
Shanghai Leiditech Elec...
LM3420 LEIDITECH-LM3420 Datasheet
1,009Kb / 6P
N-Channel Enhancement Mode Power MOSFET
logo
National Semiconductor ...
LM3420-12.6 NSC-LM3420-12.6 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
More results


Similar Description - LM3420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3420-42 NSC-LM3420-42 Datasheet
393Kb / 17P
Lithium-Ion Battery Charge Controller
LM3420-4.2 NSC-LM3420-4.2 Datasheet
384Kb / 17P
Lithium-Ion Battery Charge Controller
logo
Renesas Technology Corp
M62244FP RENESAS-M62244FP Datasheet
239Kb / 18P
Li-ion Battery Charge Controller IC
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Bourns Electronic Solut...
MF-SVS210-0 BOURNS-MF-SVS210-0 Datasheet
188Kb / 1P
Li-ion Battery Controller Protection
logo
Texas Instruments
LM3420 TI1-LM3420 Datasheet
1Mb / 26P
8.4-V Li-Ion Battery Charge Controller
logo
Mitsumi Electronics, Co...
MM3658AR MITSUMI-MM3658AR Datasheet
2Mb / 22P
Li-ion Battery Charge Control IC
logo
Shenzhen Huazhimei Semi...
HM5401 HMSEMI-HM5401 Datasheet
642Kb / 8P
1 Li-ion/Li-polymer battery charge balance IC
logo
Microchip Technology
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com