Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM56 Datasheet (PDF) - Texas Instruments

LM56 Datasheet PDF - Texas Instruments
Part # LM56
Download  LM56 Download
File Size   978.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM56 Dual Output Low Power Thermostat

LM56 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM56 Datasheet PDF - Texas Instruments

Part # LM56
Download  LM56 Click to download

File Size   978.44 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM56 Dual Output Low Power Thermostat

LM56 Datasheet (HTML) - Texas Instruments


LM56 Product details

FEATURES
• Digital Outputs Support TTL Logic Levels
• Internal Temperature Sensor
• 2 Internal Comparators with Hysteresis
• Internal Voltage Reference
• Available in 8-pin SOIC and VSSOP Packages

APPLICATIONS
• Microprocessor Thermal Management
• Appliances
• Portable Battery Powered 3.0V or 5V Systems
• Fan Control
• Industrial Process Control
• HVAC Systems
• Remote Temperature Sensing
• Electronic System Protection

DESCRIPTION
The LM56 is a precision low power thermostat. Two
stable temperature trip points (VT1 and VT2) are
generated by dividing down the LM56 1.250V
bandgap voltage reference using 3 external resistors.
The LM56 has two digital outputs. OUT1 goes LOW
when the temperature exceeds T1 and goes HIGH when the the temperature goes below (T1–THYST).
Similarly, OUT2 goes LOW when the temperature
exceeds T2 and goes HIGH when the temperature
goes below (T2–THYST). THYST is an internally set 5°C
typical hysteresis.
The LM56 is available in an 8-lead VSSOP surface
mount package and an 8-lead SOIC.




Similar Part No. - LM56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56 NSC-LM56 Datasheet
370Kb / 13P
Dual Output Low Power Thermostat
LM56 NSC-LM56 Datasheet
791Kb / 13P
Dual Output Low Power Thermostat
logo
Texas Instruments
LM56 TI-LM56 Datasheet
1Mb / 21P
LM56 Dual Output Low Power Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
Dual Output Low Power Thermostat
logo
Seoul Semiconductor
LM560 SEOUL-LM560 Datasheet
468Kb / 12P
WARM WHITE LAMP LED
More results


Similar Description - LM56

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM56 NSC-LM56 Datasheet
370Kb / 13P
Dual Output Low Power Thermostat
LM66 NSC-LM66 Datasheet
62Kb / 5P
Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
LOW POWER THERMOSTAT
logo
National Semiconductor ...
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
Dual Output Low Power Thermostat
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
Low current Thermostat Output Temperature Sensor ICs
logo
Texas Instruments
LM56BIMX TI-LM56BIMX Datasheet
1Mb / 21P
LM56 Dual Output Low Power Thermostat
LM56 TI-LM56_15 Datasheet
1Mb / 22P
LM56 Dual Output Low Power Thermostat
LM56 TI1-LM56 Datasheet
1Mb / 22P
Dual Output Low Power Thermostat
logo
Rohm
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
Temperature Sensor IC Low Current Thermostat Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com