Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM70 Datasheet (PDF) - Texas Instruments

LM70 Datasheet PDF - Texas Instruments
Part # LM70
Download  LM70 Download
File Size   793.68 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor

LM70 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM70 Datasheet PDF - Texas Instruments

Part # LM70
Download  LM70 Click to download

File Size   793.68 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor

LM70 Datasheet (HTML) - Texas Instruments


LM70 Product details

1FEATURES
2• 0.25°C Temperature Resolution.
• Shutdown Mode Conserves Power Between
Temperature Reading
• SPI and MICROWIRE Bus Interface
• VSSOP-8 and WSON-8 Packages Save Space
• UL Recognized Component

APPLICATIONS
• System Thermal Management
• Personal Computers
• Disk Drives
• Office Electronics
• Electronic Test Equipment

KEY SPECIFICATIONS
• Supply Voltage 2.65V to 5.5V
• Supply Current
– Operating
– 260 μA (typ)
– 490 μA (max)
– Shutdown
– 12 μA (typ)
• Temperature Accuracy
– −40°C to 85°C, ±2°C(max)
– −10°C to 65°C, +1.5/−2°C(max)
– −55°C to 125°C, +3/−2°C(max)
– −55°C to 150°C, +3.5/−2°C(max)

DESCRIPTION
The LM70 is a temperature sensor, Delta-Sigma analog-to-digital converter with an SPI and
MICROWIRE compatible interface available in WSON
and VSSOP 8-pin packages. The host can query the
LM70 at any time to read temperature. A shutdown
mode decreases power consumption to less than 10 μA. This mode is useful in systems where low
average power consumption is critical.
The LM70 has 10-bit plus sign temperature resolution
(0.25°C per LSB) while operating over a temperature
range of −55°C to +150°C.
The LM70's 2.65V to 5.5V supply voltage range, low
supply current and simple SPI interface make it ideal
for a wide range of applications. These include
thermal management and protection applications in
hard disk drives, printers, electronic test equipment, and office electronics.




Similar Part No. - LM70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM70 NSC-LM70 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
logo
Texas Instruments
LM70 TI-LM70 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
logo
Sanyo Semicon Device
LM7000 SANYO-LM7000 Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
LM7000N SANYO-LM7000N Datasheet
178Kb / 7P
Direct PLL Frequency Synthesizer for Electronic Tuning
More results


Similar Description - LM70

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
LM71 NSC-LM71 Datasheet
249Kb / 13P
SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM70 NSC-LM70_06 Datasheet
691Kb / 14P
SPI/MICROWIRE 10-Bit plus Sign Digital Temperature
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071 Datasheet
1,004Kb / 20P
LM95071/LM95071-Q1 SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM70 TI-LM70_15 Datasheet
1Mb / 22P
LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
LM71 TI-LM71_15 Datasheet
1Mb / 21P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com