Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75AIMM/NOPB Datasheet (PDF) - Texas Instruments

LM75AIMM/NOPB Datasheet PDF - Texas Instruments
Part # LM75AIMM/NOPB
Download  LM75AIMM/NOPB Download
File Size   898.45 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface

LM75AIMM/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM75AIMM/NOPB Datasheet PDF - Texas Instruments

Part # LM75AIMM/NOPB
Download  LM75AIMM/NOPB Click to download

File Size   898.45 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface

LM75AIMM/NOPB Datasheet (HTML) - Texas Instruments


LM75AIMM/NOPB Product details

1 Features
1• No External Components Required
• Shutdown Mode to Minimize Power Consumption
• Up to Eight LM75As can be Connected to a Single
Bus
• Power up Defaults Permit Stand-Alone Operation
as Thermostat
• Key Specifications:
– Supply Voltage
– LM75A: 2.7 V to 5.5 V
– Supply Current
– Operating: 280 μA (Typical)
– Shutdown: 4 μA (Typical)
– Temperature Accuracy
– 25°C to 100°C: ±2°C (Max)
– 55°C to 125°C: ±3°C (Max)

2 Applications
• General System Thermal Management
• Communications Infrastructure
• Electronic Test Equipment
• Environmental Monitoring

3 Description
The LM75A is an industry-standard digital
temperature sensor with an integrated sigma-delta analog-to-digital converter (ADC) and I2C interface.
The LM75A provides 9-bit digital temperature
readings with an accuracy of ±2°C from –25°C to
100°C and ±3°C over –55°C to 125°C.
The LM75A operates with a single supply from 2.7 V
to 5.5 V. Communication is accomplished over a
2-wire interface which operates up to 400 kHz. The
LM75A has three address pins, allowing up to eight
LM75A devices to operate on the same 2-wire bus.
The LM75A has a dedicated overtemperature output
(O.S.) with programmable limit and hysteresis. This
output has programmable fault tolerance, which lets
the user to define the number of consecutive error
conditions that must occur before O.S. is activated.
The wide temperature and supply range and I2C
interface make the LM75A ideal for a number of applications including base stations, electronic test
equipment, office electronics, personal computers,
and any other system in which thermal management
is critical to performance. The LM75A is available in
an SOIC-8 package and an VSSOP-8 package.




Similar Part No. - LM75AIMM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM75AIMM/NOPB TI1-LM75AIMM/NOPB Datasheet
1Mb / 21P
LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
More results


Similar Description - LM75AIMM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
308Kb / 18P
Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com