Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM76 Datasheet (PDF) - Texas Instruments

LM76 Datasheet PDF - Texas Instruments
Part # LM76
Download  LM76 Download
File Size   947.84 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface

LM76 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM76 Datasheet PDF - Texas Instruments

Part # LM76
Download  LM76 Click to download

File Size   947.84 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM76 ±0.5°C, ±1°C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface

LM76 Datasheet (HTML) - Texas Instruments


LM76 Product details

1FEATURES
2• Window Comparison Simplifies Design of
ACPI Compatible Temperature Monitoring and
Control.
• Serial Bus Interface
• Separate Open-Drain Outputs for Interrupt and
Critical Temperature Shutdown
• Shutdown Mode to Minimize Power
Consumption
• Up to 4 LM76s can be Connected to a Single
Bus
• 12-bit + Sign Output; Full-scale Reading of
Over 127°C

KEY SPECIFICATIONS
• Supply Voltage 5.0V
• Supply Current
– Operating
– 250 μA (typ)
– 450 μA (max)
– Shutdown
– 8 μA (max)
• Temperature +25ºC ±0.5ºC (max)
– Accuracy
– –10ºC to +45ºC ±10°C (max)
– 70°C to 100°C ±1.0°C (max)
• Resolution 0.0625°C

APPLICATIONS
• System Thermal Management
• Personal Computers
• Office Electronics
• HVAC

DESCRIPTION
The LM76 is a digital temperature sensor and thermal
window comparator with an I2 C Serial Bus interface
with an accuracy of ±1°C. This accuracy for the
LM76CHM is specified for a −10°C to 45°C
temperature range. The LM76CHM is specified with
an accuracy ±0.5°C at 25°C. The window-comparator
architecture of the LM76 eases the design of
temperature control systems conforming to the ACPI
(Advanced Configuration and Power Interface)
specification for personal computers. The open-drain
Interrupt (INT) output becomes active whenever
temperature goes outside a programmable window,
while a separate Critical Temperature Alarm
(T_CRIT_A) output becomes active when the
temperature exceeds a programmable critical limit.
The INT output can operate in either a comparator or event mode, while the T_CRIT_A output operates in
comparator mode only.
The host can program both the upper and lower limits
of the window as well as the critical temperature limit.
Programmable hysterisis as well as a fault queue are
available to minimize false tripping. Two pins (A0, A1)
are available for address selection. The sensor
powers up with default thresholds of 2°C THYST, 10°C
TLOW, 64°C THIGH, and 80°C T_CRIT.
The LM76's 5.0V supply voltage, Serial Bus interface,
12-bit + sign output, and full-scale range of over
127°C make it ideal for a wide range of applications.
These include thermal management and protection
applications in personal computers, electronic test
equipment, office electronics and bio-medical
applications.




Similar Part No. - LM76

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76 TI-LM76 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002 TI1-LM76002 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results


Similar Description - LM76

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM76 TI-LM76_15 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com