Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM810 Datasheet (PDF) - Texas Instruments

LM810 Datasheet PDF - Texas Instruments
Part # LM810
Download  LM810 Download
File Size   831.25 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM809/LM810 3-Pin Microprocessor Reset Circuits

LM810 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM810 Datasheet PDF - Texas Instruments

Part # LM810
Download  LM810 Click to download

File Size   831.25 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM809/LM810 3-Pin Microprocessor Reset Circuits

LM810 Datasheet (HTML) - Texas Instruments


LM810 Product details

1 Features
1• Precision Monitoring of Supply Voltages
– Available Threshold Options:
2.63 V, 2.93 V, 3.08 V, 4.38 V, 4.63 V
• Superior Upgrade to MAX809 and MAX810
• Fully Specified Over Temperature
• 140-ms Minimum Power-On Reset Pulse Width,
240-ms Typical
– Active-Low RESET Output (LM809)
– Active-High RESET Output (LM810)
• Ensured RESET Output Valid for VCC ≥ 1 V
• Low Supply Current, 15-μA Typical
• Power Supply Transient Immunity

2 Applications
• Factory Automation
• Building Automation
• Programmable Logic Control
• Renewable Energy
• Microprocessor Systems
• Computers
• Controllers
• Intelligent Instruments
• Portable/Battery-Powered Equipment
• Automotive

3 Description
The LM809 and LM810 microprocessors supervisory
circuits can be used to monitor the power supplies in
microprocessor and digital systems. They provide a
reset to the microprocessor during power-up, powerdown
and brown-out conditions.
The function of the LM809 and LM810 are to monitor
the VCC supply voltage, and assert a reset signal
whenever this voltage declines below the factoryprogrammed
reset threshold. The reset signal
remains asserted for 240 ms after VCC rises above
the threshold. The LM809 has an active-low RESET
output, while the LM810 has an active-high RESET
output.
Seven standard reset voltage options are available,
suitable for monitoring 5-V, 3.3-V, and 3-V supply
voltages.
With a low supply current of only 15 μA, the LM809
and LM810 are ideal for use in portable equipment.




Similar Part No. - LM810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM810 NSC-LM810 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM810 TI-LM810 Datasheet
818Kb / 14P
LM809/LM810 3-Pin Microprocessor Reset Circuits
LM810 TI1-LM810 Datasheet
1Mb / 18P
LM809/LM810 3-Pin Microprocessor Reset Circuits
logo
National Semiconductor ...
LM810M3-2.63 NSC-LM810M3-2.63 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
LM810M3-2.93 NSC-LM810M3-2.93 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
More results


Similar Description - LM810

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Texas Instruments
LM809M3-308 TI-LM809M3-308 Datasheet
818Kb / 14P
LM809/LM810 3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
Texas Instruments
LM809 TI1-LM809 Datasheet
1Mb / 18P
LM809/LM810 3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com