Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM185 Datasheet (PDF) - Texas Instruments

LM185 Datasheet PDF - Texas Instruments
Part # LM185
Download  LM185 Download
File Size   963.55 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM185/LM285/LM385 Adjustable Micropower Voltage References

LM185 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM185 Datasheet PDF - Texas Instruments

Part # LM185
Download  LM185 Click to download

File Size   963.55 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM185/LM285/LM385 Adjustable Micropower Voltage References

LM185 Datasheet (HTML) - Texas Instruments


LM185 Product details

1FEATURES
2• Adjustable from 1.24V to 5.30V
• Operating Current of 10μA to 20mA
• 1% and 2% Initial Tolerance
• 1Ω Dynamic Impedance
• Low Temperature Coefficient

DESCRIPTION
The LM185/LM285/LM385 are micropower 3-terminal
adjustable band-gap voltage reference diodes.
Operating from 1.24 to 5.3V and over a 10μA to
20mA current range, they feature exceptionally low
dynamic impedance and good temperature stability.
On-chip trimming is used to provide tight voltage
tolerance. Since the LM185 band-gap reference uses
only transistors and resistors, low noise and good
long-term stability result.
Careful design of the LM185 has made the device
tolerant of capacitive loading, making it easy to use in
almost any reference application. The wide dynamic
operating range allows its use with widely varying
supplies with excellent regulation.
The extremely low power drain of the LM185 makes it
useful for micropower circuitry. This voltage reference
can be used to make portable meters, regulators or
general purpose analog circuitry with battery life approaching shelf life. Further, the wide operating
current allows it to replace older references with a
tighter tolerance part.
The LM185 is rated for operation over a −55°C to
125°C temperature range, while the LM285 is rated
−40°C to 85°C and the LM385 0°C to 70°C. The
LM185 is available in a hermetic TO package and a
LCCC package, while the LM285/LM385 are
available in a low-cost TO-92 package, as well as
SOIC.




Similar Part No. - LM185

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM185 NSC-LM185 Datasheet
747Kb / 14P
Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
713Kb / 14P
Adjustable Micropower Voltage References
LM185 NSC-LM185 Datasheet
211Kb / 11P
MICROCIRCUIT DATA SHEET
LM185 NSC-LM185 Datasheet
723Kb / 14P
Adjustable Micropower Voltage References
LM185-1.2 NSC-LM185-1.2 Datasheet
698Kb / 11P
Micropower Voltage Reference Diode
More results


Similar Description - LM185

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM185-ADJ TI1-LM185-ADJ Datasheet
708Kb / 16P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM385Z-2.5 TI-LM385Z-2.5 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385MX TI-LM385MX Datasheet
1Mb / 23P
LM185/LM285/LM385 Adjustable Micropower Voltage References
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385BZ TI1-LM385BZ Datasheet
1Mb / 22P
LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM385Z TI-LM385Z Datasheet
1Mb / 23P
LM185/LM285/LM385 Adjustable Micropower Voltage References
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com