Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84 Datasheet (PDF) - DAESAN ELECTRONIC CORP.

BZX84 Datasheet PDF - DAESAN ELECTRONIC CORP.
Part # BZX84
Download  BZX84 Download
File Size   373.44 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description 300mW SOT-23 ZENER DIODES

BZX84 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84 Datasheet PDF - DAESAN ELECTRONIC CORP.

Part # BZX84
Download  BZX84 Click to download

File Size   373.44 Kbytes
Page   3 Pages
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.
Description 300mW SOT-23 ZENER DIODES

BZX84 Datasheet (HTML) - DAESAN ELECTRONIC CORP.


BZX84 Product details

Vz Range 2.4 to 75V Power Dissipation 300mW

Features
• Silicon P lanar Power Zener Diodes
• The Zener voltages are graded according to the international E 24 standard. S tandard Zener voltage tolerance is ±5%. R eplace "C" with "B" for ±2% tolerance. Other voltage tolerances and other Zener voltages are available upon request.
• Silicon E pitaxial P lanar Diode
• Fast switching diode in case S OT-23, especially suited for automatic insertion.




Similar Part No. - BZX84

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX84 PHILIPS-BZX84 Datasheet
63Kb / 12P
Voltage regulator diodes
2003 Apr 10
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
Zener Diodes
logo
Zetex Semiconductors
BZX84 ZETEX-BZX84 Datasheet
36Kb / 3P
SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES
logo
NXP Semiconductors
BZX84 NXP-BZX84 Datasheet
741Kb / 11P
Voltage regulator diodes
2003 Apr 10
logo
Vishay Siliconix
BZX84 VISHAY-BZX84 Datasheet
114Kb / 8P
Small Signal Zener Diodes
28-Feb-13
More results


Similar Description - BZX84

ManufacturerPart #DatasheetDescription
logo
Surge Components
SMBZ5230 SURGE-SMBZ5230 Datasheet
75Kb / 3P
SILICON PLANAR ZENER DIODES, 500mW, SOT-23 PACKAGE?
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
MMBZ52 JGD-MMBZ52 Datasheet
96Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
225 mW SOT-23 Zener Voltage Regulator Diodes
logo
TAITRON Components Inco...
BZX84C2V4 TAITRON-BZX84C2V4 Datasheet
153Kb / 5P
300mW Surface Mount Zener Diodes
logo
Rectron Semiconductor
BAS40 RECTRON-BAS40 Datasheet
115Kb / 3P
SOT-23 SCHOTTKY DIODES
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Zibo Seno Electronic En...
MM3Z2V0 ZSELEC-MM3Z2V0 Datasheet
290Kb / 3P
300mW Silicon Planar Zener Diodes
logo
UN Semiconducctor INC
BZX84BXX UNSEMI-BZX84BXX Datasheet
2Mb / 6P
SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
BZX84CXX UNSEMI-BZX84CXX Datasheet
3Mb / 7P
SOT-23 Plastic-Encapsulate Zener Diodes
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com