Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10507 Datasheet (PDF) - Texas Instruments

LM10507 Datasheet PDF - Texas Instruments
Part # LM10507
Download  LM10507 Download
File Size   942.92 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM10507 Triple Buck LDO Power Management Unit

LM10507 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM10507 Datasheet PDF - Texas Instruments

Part # LM10507
Download  LM10507 Click to download

File Size   942.92 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM10507 Triple Buck LDO Power Management Unit

LM10507 Datasheet (HTML) - Texas Instruments


LM10507 Product details

1 Features
1• Three Highly Efficient Programmable Buck
Regulators
– Integrated FETs with Low RDS-ON
– Bucks Operate with their Phases Shifted to
Reduce the Input Current Ripple and Capacitor
Size
– Programmable Output Voltage via the SPI
Interface
– Over and Under-Voltage-Lockout
– Automatic Internal Soft Start with Power-On
Reset
– Current Overload and Thermal Shutdown
Protection
– PFM Mode for High Efficiency at Light Load
Conditions
• Low-Dropout Regulator 2.5 V, 250mA
• Hardware ENABLE and PWR_OK Terminal
• Fast Start-up for All Voltage Rails in about 3.5ms
to PWR_OK
• Fast Turn-off / Active Discharge on Regulator
Outputs
• Programmable Buck Regulators:
– Buck 1: 0.9 - 3.4 V; 1.6A
– Buck 2: 0.9 - 3.4 V; 1A
– Buck 3: 0.865 - 1.5 V; 1A
– ±3% Feedback Voltage Accuracy
– Up to 95% efficient Buck Regulators
– 2MHz Switching Frequency for Smaller
Inductor Size
– 2.8 x 2.8 mm, 0.4 mm pitch, 34-bump μSMD
Package

2 Applications
Solid-State Drives

3 Description
The LM10507 is an advanced PMU containing three configurable, high-efficiency buck regulators for
supplying variable voltages. The device is ideal for
supporting ASIC and SOC designs for Solid-State
and Flash drives.
LM10507 operates cooperatively with ASIC to
optimize the supply voltage for low power conditions
and power saving modes via SPI interface. It also
supports a 2.5 V 250 mA LDO.




Similar Part No. - LM10507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10507TME-A/NOPB TI1-LM10507TME-A/NOPB Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10507TMX-A/NOPB TI1-LM10507TMX-A/NOPB Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
More results


Similar Description - LM10507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com